M95640-RMB3TP/B
AI

The **M95640-RMB3TP/B** is a specific variant of the M95640 family, which is a high-performance, electrically erasable programmable memory (EEPROM). It is commonly used in automotive and industrial applications where data retention and high-speed communication are critical.
---
### 1. General Specifications
The device is a 64-Kbit Serial SPI EEPROM organized as 8192 bytes (8 KB).
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
---
### 2. Detailed Pinout and Functionality
The M95640 uses a standard SPI pin configuration to communicate with a microcontroller (MCU).
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **S (CS)** | Chip Select | Activates the device when pulled low. |
| **D (MOSI)** | Serial Data Input | Receives instructions, addresses, and data. |
| **Q (MISO)** | Serial Data Output | Sends data out to the MCU. |
| **C (SCK)** | Serial Clock | Synchronizes data movement. |
| **W (WP)** | Write Control | Provides hardware write protection. |
| **HOLD** | Hold | Pauses communication without resetting the CS. |
| **Vcc / Vss** | Power Supply | Power (1.8V - 5.5V) and Ground. |
---
### 3. Key Electronic Characteristics
* **Endurance:** Designed for high reliability, typically supporting **4 million write cycles**.
* **Data Retention:** Capable of holding data for over **200 years** at room temperature.
* **Write Protection:**
* **Software:** Write Enable Latch (WEL) bit and Block Protect bits (BP0, BP1).
* **Hardware:** Via the Write Protect ($\bar{W}$) pin.
* **Page Write:** Supports writing up to **32 bytes** in a single instruction cycle, significantly improving throughput compared to byte-by-byte writing.
* **Low Power Consumption:**
* Active Read: < 2 mA (at 20 MHz).
* Standby Mode: < 1 µA (at 1.8V).
---
### 4. Part Number Breakdown (M95640-RMB3TP/B)
| Code Segment | Meaning |
| :--- | :--- |
| **M95** | SPI Family EEPROM |
| **640** | 64 Kbit Density |
| **-R** | Low Voltage Range (1.8V to 5.5V) |
| **MB** | Package: UFDFPN8 (2x3 mm) |
| **3** | Temperature Grade: -40 to +125 °C (Automotive/High Industrial) |
| **TP** | Tape & Reel Packaging |
| **/B** | Specific process technology/wafer revision |
---
- ⤷
What are the main differences between the M95640 and the I2C-based M24640?
- ⤷ How does the 'Hold' pin function during an active SPI transmission?
- ⤷ What is the typical write cycle time (tW) for this specific EEPROM?