AI

The **MA02303GJ-R13** is a specialized electronic component, typically categorized as a high-precision, automotive-grade surface mount device (SMD). Specifically, this part number corresponds to a **Chip Inductor** (Fixed Inductor) manufactured by suppliers like **Delta Electronics** or **Cyntec**.
---
### ## Technical Specifications
Below is a breakdown of the typical physical and electrical characteristics for this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Chip Inductor |
| **Inductance** | 0.22 µH to 0.33 µH (Varies by specific sub-marking) |
| **Tolerance** | ±20% |
| **Package Size** | 0202 / 0402 Metric (Miniature profile) |
| **Termination** | Lead-free (RoHS compliant) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temp** | -55°C to +125°C |
---
### ### Key Features
1. **High Current Handling:** Designed for DC-DC converter applications where high saturation current is required in a very small footprint.
2. **Magnetic Shielding:** These parts are usually shielded to minimize Electromagnetic Interference (EMI), which is critical for densely packed circuit boards.
3. **Low DCR (DC Resistance):** Engineered to minimize power loss and heat generation, increasing the overall efficiency of the power management system.
4. **AEC-Q200 Compliance:** Often used in automotive applications, meaning it has passed rigorous stress tests for vibration, temperature cycling, and moisture resistance.
---
### ### Common Applications
* **Mobile Devices:** Power management modules for smartphones and tablets.
* **Automotive Electronics:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and ECU power rails.
* **IoT Modules:** Compact wireless sensors requiring efficient power regulation.
* **DC-DC Converters:** Point-of-Load (PoL) converters where space is at a premium.
---
### ### Internal Structure (Composition)
The device is constructed using a **Metal Alloy powder core**. Unlike traditional ferrite inductors, the metal alloy core provides a "soft saturation" characteristic. This means that as current increases, the inductance drops gradually rather than abruptly, preventing sudden circuit failures during current spikes.
- ⤷
What is the maximum saturation current for the MA02303GJ-R13?
- ⤷ How does a metal alloy core compare to a ferrite core in inductors?
- ⤷ Are there recommended footprints for soldering this component?