AI

The **MA0420-R68M1** is a high-performance, surface-mount (SMD) power inductor. These components are essential in modern electronics for energy storage and noise filtering, particularly in compact power supply circuits.
### Technical Specifications
Below are the typical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Package Size** | 0420 (approx. 4.0 x 4.0 x 2.0 mm) |
| **Material** | Metal Alloy / Carbonyl Powder |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### Part Number Breakdown
The nomenclature follows a standard industry format:
* **MA**: Series prefix (usually indicating Metal Alloy material for high current).
* **0420**: Physical dimensions (Length 4.0mm, Width 4.0mm, Height 2.0mm).
* **R68**: Inductance value. The 'R' acts as a decimal point ($0.68$).
* **M**: Tolerance code ($M = \pm 20\%$).
* **1**: Revision or packaging code.
---
### Key Features & Internal Composition
1. **Metal Alloy Core**: Unlike traditional ferrite inductors, the MA series uses a pressed metal powder core. This provides a "soft saturation" characteristic, meaning the inductance doesn't drop off instantly when high current is applied.
2. **High Current Handling**: Due to the metal body, it can handle significant DC current relative to its small size, making it ideal for DC-DC converters.
3. **Low DCR (DC Resistance)**: Designed with thick copper wire to minimize energy loss as heat.
4. **Shielded Design**: The molded construction acts as a magnetic shield, reducing Electromagnetic Interference (EMI) with nearby components.
### Common Applications
* **Voltage Regulator Modules (VRM)**: Used in laptops and desktops to step down voltage for CPUs.
* **DC-DC Converters**: Found in battery-powered devices (smartphones, tablets).
* **LED Drivers**: Managing current flow for high-brightness LEDs.
* **Automotive Electronics**: Powering infotainment systems or sensors.
---
### Equivalent Circuits
In a schematic, this part is represented by an inductor symbol ($L$). It is typically used in a Buck Converter circuit:
```text
[Input Vin] --- [Switch/MOSFET] --- [MA0420-R68M1] --- [Output Vout]
|
[Capacitor]
|
[GND]
```
- ⤷
What is the saturation current (Isat) for this specific inductor?
- ⤷ Can I substitute a ferrite inductor for this metal alloy version?
- ⤷ How does the 'soft saturation' of this part benefit a power supply circuit?