MA0530-R33M1
AI

The **MA0530-R33M1** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to the category of molded power chokes, known for their compact size and high current handling capabilities.
### 1. Key Technical Specifications
The part number follows a standard nomenclature used by manufacturers like **Microgate** or similar high-current inductor producers.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 0530 (approx. 5.0 x 5.0 x 3.0 mm) |
| **Core Material** | Metal Alloy / Magnetic Powder |
| **Current Rating (Isat)** | High (typically >15A, varies by specific brand) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical Construction
The "0530" designation provides specific information about the physical dimensions:
* **05**: Refers to the length/width footprint (approx. 5.4mm x 5.2mm).
* **30**: Refers to the height (max 3.0mm).
The part is a **Molded Inductor**, meaning the copper coil is placed inside a mold and pressed with metallic magnetic powder. This construction offers:
1. **Magnetic Shielding:** Reduces electromagnetic interference (EMI).
2. **Acoustic Noise Reduction:** Minimizes "buzzing" sounds during operation.
3. **High Saturation:** Unlike ferrite cores, these do not saturate "hard" (sudden drop in inductance), but rather follow a soft saturation curve.
---
### 3. Application Areas
Because of its low inductance (0.33µH) and high current capacity, this part is ideal for:
* **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **High-frequency Switching:** Suitable for power supplies operating at high frequencies (1MHz+).
* **Mobile Devices:** Laptops, tablets, and high-density servers where space is limited.
---
### 4. Part Number Breakdown
`MA 0530 - R33 M 1`
* **MA**: Series code (usually Metal Alloy).
* **0530**: Dimensions (5.0 x 5.0 x 3.0 mm).
* **R33**: Inductance value (R denotes decimal point; R33 = 0.33 µH).
* **M**: Tolerance (M = ±20%).
* **1**: Internal suffix or packaging code.
---
### 5. Equivalent Replacement Guide
If sourcing this part, ensure the replacement matches the footprint and the **DCR** (Direct Current Resistance).
```yaml
Comparison_Checklist:
- Footprint: 5.4 x 5.2 mm
- Height: ≤ 3.0 mm
- Inductance: 0.33 µH
- Saturation Current: Check if Isat ≥ Application Peak Current
- Temperature: Standard -40°C to +125°C
```
- ⤷
What is the maximum operating temperature for the MA0530 series?
- ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
- ⤷ Which manufacturers are the primary producers of the MA0530-R33M1?