AI

### MA11FBD-R Electronic Component Overview
The **MA11FBD-R** is a high-precision, high-voltage surface-mount thick film chip resistor, typically manufactured by **KOA Speer Electronics**. It is designed for applications where stability and high working voltages are required within a small footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistor Type** | Thick Film Chip Resistor |
| **Series** | MA (High Voltage / Precision) |
| **Case Size** | 0805 (Metric 2012) |
| **Resistance Tolerance** | ±1.0% (F) |
| **Power Rating** | 0.25W (1/4 Watt) |
| **Maximum Working Voltage** | Up to 400V - 500V (depending on specific sub-series) |
| **Packaging** | Taped & Reeled (R) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the exact characteristics:
* **MA**: The series designation (High-Voltage Flat Chip).
* **11**: Refers to the physical size code (typically corresponds to the 0805 EIA size).
* **F**: The **Tolerance** code, representing **±1.0%**.
* **BD**: The **Temperature Coefficient of Resistance (TCR)**, usually indicating ±25ppm/°C or ±50ppm/°C (high stability).
* **-R**: Indicates the packaging method, **Taped and Reeled**.
---
### 3. Core Features
1. **High Voltage Capability**: Unlike standard thick film resistors that may fail at 150V, the MA series is engineered to handle significantly higher operating voltages, making it ideal for power supplies.
2. **Precision Stability**: With a 1% tolerance and a low TCR, it ensures the resistance value does not drift significantly due to heat or environmental changes.
3. **Surface Mount Design (SMD)**: Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs).
4. **AEC-Q200 Compliance**: Many variants in this series are qualified for automotive use, ensuring high reliability under stress.
---
### 4. Common Applications
* **Power Supply Units (PSU)**: Voltage sensing and feedback loops.
* **Industrial Inverters**: Monitoring high-voltage rails.
* **Automotive Electronics**: Battery management systems (BMS) and EV charging circuits.
* **Medical Equipment**: High-voltage diagnostic tools where precision is critical.
---
### 5. Handling and Soldering
The part is compatible with standard lead-free reflow soldering processes. Due to its thick film construction, it is robust against mechanical stress, though care should be taken to avoid thermal shock during manual soldering.
- ⤷
What is the exact maximum operating temperature for the MA11FBD-R?
- ⤷ How does the MA series compare to standard RS73 series resistors?
- ⤷ Can this resistor be used in surge protection circuits?