MA11TAG-R
AI

## Overview of the MA11TAG-R
The **MA11TAG-R** is a specific electronic component, typically categorized as a **Micro-Miniature Toggle Switch** manufactured by companies like **NKK Switches** or similar high-precision component firms. These switches are designed for PCB (Printed Circuit Board) mounting where space is at a premium.
---
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-OFF-ON (or ON-NONE-ON depending on sub-series) |
| **Mounting Type** | Right Angle Through-Hole |
| **Current Rating** | Typically 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Actuator Style** | Bat Lever / Standard Toggle |
| **Terminal Material** | Gold-plated (optimized for logic-level switching) |
---
### Internal Electronic Construction
The MA11TAG-R is comprised of several critical sub-components that ensure electrical connectivity and mechanical durability:
1. **Actuator (Lever):** The physical handle used to toggle the switch. Usually made of chrome-plated brass or high-temp plastic.
2. **Movable Contact:** A spring-loaded internal mechanism (often a "rocker" or "seesaw" style) that bridges the common terminal to one of the output terminals.
3. **Stationary Terminals:** The physical pins that solder into the PCB. In the "-R" variant, these are bent at a **90-degree angle** for side-mounting.
4. **Housing/Base:** Constructed from heat-resistant resin (like Diallyl Phthalate) to withstand wave soldering temperatures.
---
### Applications
Because of its **Right Angle (-R)** orientation and **Logic Level** rating, this part is commonly found in:
* **Handheld Devices:** Where the switch needs to be accessible from the side of the enclosure.
* **Telecommunications:** For resetting or selecting modes on networking hardware.
* **Medical Instrumentation:** High-reliability switching in compact diagnostic tools.
* **Testing Equipment:** Used as a configuration or "DIP-style" toggle for user settings.
---
### Typical Pinout Diagram (SPDT)
```text
[ Lever ]
|
+----|----+
| [1] [2] [3] | <-- Terminals (90-degree bend)
+-------------+
1: Fixed Contact A
2: Common (Center)
3: Fixed Contact B
```
- ⤷What is the difference between gold and silver plating in toggle switches?
- ⤷ How does the 'Right Angle' mounting affect PCB layout design?
- ⤷ What is the mechanical life expectancy of the MA11 series switches?