MA13TAX-R
AI

The **MA13TAX-R** is a specific part number typically associated with an **Electromagnetic Sounder (Buzzer)**, often manufactured by companies like **Star Micronics** (or similar specialized acoustic component manufacturers). It is a surface-mount device (SMD) designed for high-reliability audio signaling.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the MA13 series sounders:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Electromagnetic Transducer (Sounder) |
| **Drive Type** | External Drive (requires an external oscillator) |
| **Rated Voltage** | 3.0V - 5.0V |
| **Operating Voltage** | 1.0V to 6.0V |
| **Rated Current** | Max 70mA - 80mA |
| **Sound Pressure Level (SPL)** | ~85dB at 10cm |
| **Resonant Frequency** | ~2400Hz - 2730Hz |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Characteristics
The "13" in the part number often refers to the physical size (approx. **12.8mm x 12.8mm**).
* **Housing Material:** High-temperature plastic (LCP - Liquid Crystal Polymer) capable of withstanding lead-free reflow soldering.
* **Port Location:** Side-opening or Top-opening (depending on the specific sub-variation).
* **Terminals:** Gold-plated pads for improved conductivity and corrosion resistance.
---
### 3. Circuit Integration
Since the MA13TAX-R is an **External Drive** transducer, it does not beep just by applying DC voltage. It requires a square wave signal (PWM) at its resonant frequency.
#### Typical Driving Circuit
To drive this component using a Microcontroller (MCU), a transistor circuit is recommended:
```c
// Pseudo-code for MCU driving (PWM)
// Target Frequency: 2730Hz (approx. 366 microseconds period)
void beep_on() {
setup_pwm(frequency = 2730, duty_cycle = 50%);
}
void beep_off() {
stop_pwm();
}
```
---
### 4. Part Number Breakdown (MA13TAX-R)
* **MA:** Series prefix for Magnetic/Electromagnetic sounders.
* **13:** Frame size (12.8mm - 13mm).
* **T:** Tape and Reel packaging.
* **A/X:** Specific acoustic tuning or terminal configuration.
* **-R:** RoHS compliant (Lead-free).
---
### 5. Common Applications
* **Medical Devices:** Alarms for portable monitors.
* **Industrial Equipment:** User interface feedback (key clicks or error beeps).
* **Consumer Electronics:** Household appliances (microwaves, washing machines).
* **Security Systems:** Tamper alerts or status indicators.
- ⤷
What is the difference between an electromagnetic sounder and a piezo buzzer?
- ⤷ Can the MA13TAX-R be driven directly by a microcontroller GPIO pin?
- ⤷ What is the recommended reflow soldering profile for this SMD component?