MA14FAX-R
AI

The **MA14FAX-R** is a specific part number typically associated with **M-Series Microswitches** or specialized electromechanical components produced by manufacturers like **Omron** or **Honeywell** (often used in security and industrial monitoring). It is an "Actuator Type" magnetic contact or reed switch assembly often used for alarm systems and position sensing.
---
### 1. Component Specifications
Below is a breakdown of the typical technical attributes for this electronic part:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Magnetic Reed Switch / Non-contact Interlock |
| **Contact Configuration** | Normally Closed (NC) or CO (Changeover) |
| **Max Switching Voltage** | 30V DC / 110V AC (varies by sub-model) |
| **Max Switching Current** | 0.5A to 1.0A |
| **Housing Material** | ABS Plastic or Aluminum |
| **Connection Type** | Cable Lead (usually 2m to 5m) |
| **Environmental Rating** | IP67 (Waterproof/Dustproof) |
---
### 2. Key Internal Electronic Parts
The functionality of the MA14FAX-R relies on several core electronic principles:
1. **Reed Switch Capsule:**
The heart of the device. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass tube. In the presence of a magnetic field, the reeds move to close or open the circuit.
2. **Internal Resistor (Optional):**
Some "R" suffix models include an internal End-of-Line (EOL) resistor. This allows security panels to distinguish between a "closed door," an "open door," and a "tampered wire" (short circuit).
3. **Encapsulation Compound:**
The internal electronics are potted with epoxy resin to prevent vibration damage and moisture ingress, ensuring long-term reliability in industrial environments.
---
### 3. Pinout and Wiring Logic
While wiring can vary, the standard color-coding for these sensors usually follows this logic:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black/White** | Common (COM) | The main signal return path. |
| **Red** | Normally Closed (NC) | Circuit is closed when the magnet is near. |
| **Blue** | Normally Open (NO) | Circuit is open when the magnet is near. |
---
### 4. Applications
The **MA14FAX-R** is commonly used in the following scenarios:
* **Machine Guarding:** Ensuring a safety gate is closed before a machine starts.
* **Security Systems:** High-reliability door and window monitoring.
* **Pneumatics:** Detecting the end-of-stroke position for cylinders.
---
- ⤷
What is the maximum operating distance for the MA14FAX-R magnet?
- ⤷ Does this model include a built-in EOL resistor for security panels?
- ⤷ What are the mounting requirements for this sensor to avoid interference?