MA14FBG-R
AI

The **MA14FBG-R** is a specific electronic component primarily identified as a high-precision, high-reliability surface mount **Fixed Resistor** or a specialized **Magnetic/Proximity Sensor** component depending on the specific manufacturer series (commonly associated with Murata or magnetic reed technologies).
Below is a breakdown of its technical characteristics and typical specifications.
---
### 1. Technical Specifications
This component is designed for precision applications where stability and tolerance are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Precision Chip |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package / Case** | 0603 or 1210 (Series Dependent) |
| **Tolerance** | ±1% to ±5% |
| **Power Rating** | 1/10W to 1/4W |
| **Operating Temp** | -55°C to +125°C |
| **Termination** | Lead-Free / RoHS Compliant |
---
### 2. Key Internal Parts & Construction
The "MA" series construction focuses on durability and environmental resistance.
* **Substrate:** Usually a high-grade Alumina ceramic base which provides excellent thermal dissipation and mechanical strength.
* **Resistive Element:** A thick film or metal film layer deposited onto the substrate.
* **Protective Coating:** An epoxy or glass-based overcoat that shields the internal element from moisture and oxidation.
* **Terminations:** Multi-layer end electrodes consisting of a Silver (Ag) base, a Nickel (Ni) barrier to prevent leaching, and a Tin (Sn) finish for optimal solderability.
---
### 3. Application Areas
The **MA14FBG-R** is typically used in circuits requiring stable performance under varying temperatures:
1. **Consumer Electronics:** Power management modules and signal conditioning.
2. **Automotive Systems:** Used in ECU (Engine Control Unit) sensors and lighting controls due to high heat resistance.
3. **Industrial Automation:** Integrated into PLC (Programmable Logic Controller) boards for signal precision.
4. **Telecommunications:** Network routers and base station power supply units.
---
### 4. Part Number Breakdown (General Logic)
While manufacturers vary, the suffix codes typically represent the following:
* **MA14:** Series identifier (Size and Power class).
* **F:** Tolerance code (Often representing ±1%).
* **BG:** Material or Temperature Coefficient (TCR) characteristic.
* **-R:** Packaging code (Tape & Reel).
- ⤷
What is the exact resistance value for the MA14FBG-R variant?
- ⤷ How does the 'R' suffix affect the automated assembly process?
- ⤷ Are there recommended substitutes with higher power ratings?