MA18FAG-R
AI

The **MA18FAG-R** is a specific technical part number typically associated with **Microchip Technology** evaluation kits or MCU (Microcontroller Unit) modules. Specifically, it belongs to the **Plug-In Module (PIM)** series, which is used alongside development boards like the Explorer 16/32.
---
### 1. Key Technical Specifications
This module is designed to interface a high-performance microcontroller with a standard development header.
| Feature | Description |
| :--- | :--- |
| **Microcontroller (MCU)** | PIC18F87J11 (Typical for this series) |
| **Core Architecture** | 8-bit PIC |
| **Package Type** | 80-pin TQFP (on-module) |
| **Interface** | 100-pin PIM Header (Plug-In) |
| **Voltage Range** | 2.0V to 3.6V |
| **Max Frequency** | 48 MHz |
---
### 2. Electronic Components & Sub-systems
The MA18FAG-R is not just a single chip; it is a small PCB assembly containing several discrete electronic parts:
#### A. The Microcontroller (The "Brain")
The heart of the module is usually a **PIC18F** series MCU. It features:
* **Flash Memory:** For storing user code.
* **SRAM:** For data variables.
* **Peripherals:** ADC (Analog-to-Digital Converter), PWM, UART, SPI, and I2C.
#### B. Passives and Protection
* **Decoupling Capacitors:** Small MLCC (Multi-Layer Ceramic Capacitors) placed near the power pins to filter high-frequency noise.
* **Resistors:** Pull-up or pull-down resistors for specific configuration pins (like MCLR/Reset).
* **Crystal/Oscillator:** Often includes an onboard SMT crystal to provide a precise clock signal for the MCU.
#### C. Connectivity
* **Gold-plated Headers:** High-density pins that map the 80 pins of the MCU to the 100-pin standard of the Microchip development ecosystem.
---
### 3. Usage Context
This part is used by engineers for **prototyping**. Instead of soldering a tiny 80-pin TQFP chip directly to a board, they plug this module into a socket.
* **Software Development:** Used with MPLAB X IDE and XC8 Compiler.
* **Hardware Verification:** Allows testing the PIC18F code on a known-good hardware platform before designing a custom PCB.
---
### 4. Code Example: Basic Initialization
If you were programming the MCU on this module, a simple C snippet to toggle a pin (e.g., an LED) would look like this:
```c
#include
void main(void) {
TRISDbits.TRISD0 = 0; // Set PORTD pin 0 as output
while(1) {
LATDbits.LATD0 = 1; // Turn LED ON
__delay_ms(500);
LATDbits.LATD0 = 0; // Turn LED OFF
__delay_ms(500);
}
}
```
- ⤷
Which development board is most compatible with the MA18FAG-R module?
- ⤷ What are the specific memory specifications of the PIC18F chip used on this PIM?
- ⤷ How does the 100-pin PIM header map to the 80-pin TQFP MCU?