MA18FAX-R
AI

The **MA18FAX-R** is a specific part number belonging to a series of industrial-grade micro-switches or sensor modules (typically manufactured by brands like **Omron** or **IDEC**, though common in the **MA series** for safety and sensing applications).
Below is the technical breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The following table highlights the primary electrical and mechanical characteristics of the MA18 series (typically non-contact magnetic switches).
| Feature | Specification |
| :--- | :--- |
| **Type** | Non-contact Magnetic Safety Switch |
| **Housing Material** | ABS Plastic or Stainless Steel (variant dependent) |
| **Contact Configuration** | 1NO (Normally Open) / 1NC (Normally Closed) |
| **Max Switching Voltage** | 230V AC / 24V DC |
| **Max Switching Current** | 0.5A to 1A |
| **Operating Distance** | 7mm to 10mm (Make); 15mm to 20mm (Break) |
| **Connection Type** | Pre-wired Cable (R suffix usually denotes Right-angle or specific Cable length) |
| **Ingress Protection** | IP67 / IP69K |
---
## 2. Electronic Component Breakdown
### A. Internal Reed Switch Technology
The "MA" series generally utilizes **Reed Switches**. These are hermetically sealed glass envelopes containing two ferrous leads. When a magnetic field (from the actuator) is brought near, the leads touch, completing the circuit.
* **Benefits:** Protection against oxidation, dust, and moisture.
* **Longevity:** High mechanical life since there are no pivoting mechanical parts.
### B. Contact Protection
These devices often include internal **Varistors** or **Resistors** to protect the contacts from:
* **Inrush Current:** Protecting the thin reed contacts from welding together.
* **Back EMF:** Suppressing spikes when switching inductive loads (like small relays).
### C. Wiring Color Codes (Standard)
While you should always consult the specific datasheet for your batch, the standard 4-wire configuration for these electronic parts is:
1. **Blue/Black:** Often represents the Normally Open (NO) circuit.
2. **Brown/White:** Often represents the Normally Closed (NC) circuit.
---
## 3. Application Circuit Example
In a safety monitoring system, the MA18FAX-R is wired to a **Safety Relay**. The electronics are designed to work in a "dual-channel" mode to ensure that if one contact fails (welds shut), the other will still open the circuit.
```python
# Conceptual logic for monitoring an MA18FAX-R sensor
def monitor_switch(channel_a, channel_b):
if channel_a == "CLOSED" and channel_b == "OPEN":
return "System Safe / Door Closed"
elif channel_a == "OPEN" and channel_b == "CLOSED":
return "System Halted / Door Open"
else:
return "Fault Detected (Contact Mismatch)"
```
---
## 4. Part Number Decoder
* **MA:** Series designation (Magnetically Actuated).
* **18:** Size or housing diameter (18mm barrel or specific form factor).
* **F:** Flexible or specific mounting style.
* **AX:** Contact configuration (usually 1NO/1NC).
* **R:** Often denotes **Rear-entry** cable or a specific **Resistance** value built into the switch for loop monitoring.
- ⤷
What is the exact wiring diagram for the 4-wire MA18FAX-R variant?
- ⤷ Can this switch be used directly to power a motor
- ⤷ or does it require a relay?
- ⤷ What is the difference between the MA18FAX-R and the standard MA18 series?