MA1HFAG-R
AI

The **MA1HFAG-R** is a high-frequency, surface-mount magnetic component, specifically a **Molded Power Inductor** manufactured by **Laird Performance Materials** (part of the Stellar series). It is designed for high-density power applications where space is limited and efficiency is critical.
---
### ## Technical Specifications
Below are the typical electrical and physical characteristics for the MA1HFAG-R series:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH (Standard for this series) |
| **Tolerance** | ±20% |
| **Case Size** | 2520 (2.5mm x 2.0mm) |
| **Rated Current (Irms)** | Up to 4.5A (depending on temp rise) |
| **Saturation Current (Isat)** | Up to 5.2A |
| **DC Resistance (DCR)** | ~35 mΩ (Typical) |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### ### Key Features
1. **Molded Construction:**
The coil is embedded in a metallic iron powder core. This design offers a "soft" saturation characteristic, meaning the inductance doesn't drop abruptly when the current increases.
2. **Magnetic Shielding:**
The molded design naturally provides electromagnetic interference (EMI) shielding, which is vital for preventing noise in compact circuits like smartphones or tablets.
3. **Low Profile:**
The "G" in the suffix often denotes a specific height profile (usually around 1.0mm to 1.2mm), making it suitable for ultra-thin electronic assemblies.
4. **High Efficiency:**
Designed with low DCR to minimize power loss through heat, which extends battery life in portable devices.
---
### ### Applications
The MA1HFAG-R is primarily used in **DC-DC Converters** for the following devices:
* **Mobile Electronics:** Smartphones, tablets, and wearables.
* **Computing:** Laptops and SSD power rails.
* **IoT Modules:** High-frequency switching power supplies for sensors and wireless modules.
---
### ### Typical Circuit Implementation
In a standard Buck (Step-Down) Converter, the MA1HFAG-R is placed between the switching node and the output capacitor.
```markdown
SW Node (IC) ----[ MA1HFAG-R ]----+---- V_out
|
[ C_out ]
|
GND
```
---
- ⤷
What is the difference between soft saturation and hard saturation in these inductors?
- ⤷ How does the DCR of the MA1HFAG-R affect overall power efficiency?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this specific inductor?