Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MA1L1FAX-R

  • AI
    The **MA1L1FAX-R** is a specific surface-mount electronic component, typically categorized as a **TVS (Transient Voltage Suppressor) Diode Array** or an **ESD Protection device**. These parts are designed to protect sensitive integrated circuits (ICs) from high-voltage transients such as Electrostatic Discharge (ESD) or lightning surges. --- ### 1. Key Technical Specifications The following table summarizes the general electrical characteristics associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | DFN or SOT (Surface Mount) | | **Working Voltage ($V_{RWM}$)** | ~5V to 12V (Depends on specific sub-code) | | **Capacitance** | Ultra-low (often < 1pF) | | **Polarity** | Bidirectional or Unidirectional | | **Compliance** | RoHS / Lead-Free | --- ### 2. Functional Electronic Parts & Design The internal architecture of the MA1L1FAX-R usually consists of the following elements: * **Zener/TVS Junction:** The core of the device is a silicon-based PN junction designed to enter breakdown mode quickly when a voltage threshold is exceeded. * **Steering Diodes:** Often used in an array configuration to route high-speed data signals while diverting surges to ground. * **Low-Capacitance Structure:** Because these are often used in high-speed data lines (like USB or HDMI), the internal junction is engineered to have minimal capacitance to prevent signal distortion. --- ### 3. Application Use Cases This component is commonly integrated into the following electronic systems: 1. **Communication Ports:** Protecting Ethernet, USB 3.0, and HDMI ports from static buildup when cables are plugged in. 2. **Mobile Electronics:** Used in smartphones and tablets to protect internal chipsets from user-generated ESD. 3. **Industrial Controls:** Shielding microcontrollers from electrical noise on long signal lines. --- ### 4. How it Works (The Crowbar Effect) When a high-voltage spike hits the circuit, the MA1L1FAX-R acts as a "pressure relief valve": * **Normal State:** It appears as an open circuit (high impedance) and does not affect the signal. * **Transient Event:** Once the voltage exceeds the "Clamping Voltage," the part becomes highly conductive. * **Diversion:** It shunts the excess current to the ground plane, protecting the downstream IC.
    ✨ Follow-up Questions
    • ⤷ What is the exact clamping voltage for the MA1L1FAX-R variant?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this component be used for high-speed USB 3.0 data lines?