MA207-R100-Q
AI

The **MA207-R100-Q** is a high-precision, industrial-grade metal film resistor. It belongs to the **MA series** (often associated with manufacturers like Vishay/Beyschlag or Alpha Electronics), which is designed for applications requiring extreme stability, low noise, and tight tolerances.
---
### 1. Part Number Breakdown
The nomenclature typically follows this structure:
| Component Segment | Value/Description | Meaning |
|:--- |:--- |:--- |
| **MA207** | Series Model | Precision Metal Film Resistor (Axial Lead) |
| **R100** | Resistance Value | **0.100 Ohms** (100 mΩ) |
| **Q** | Tolerance | **±0.02%** (High Precision) |
---
### 2. Technical Specifications
Below are the typical electrical characteristics for this class of component:
| Parameter | Specification |
|:--- |:--- |
| **Resistance** | 0.1 Ω (100 mΩ) |
| **Power Rating** | Generally 0.25W to 0.5W (depending on ambient temp) |
| **Tolerance** | ±0.02% |
| **Temperature Coefficient (TCR)** | Often ±5 ppm/°C or ±10 ppm/°C |
| **Construction** | Metal film on high-grade ceramic core |
| **Package Type** | Axial Leaded (Through-hole) |
---
### 3. Key Features
* **High Stability:** The metal film technology ensures that the resistance remains constant despite aging or environmental changes.
* **Low Inductance:** Ideal for high-frequency or rapid pulse applications where wire-wound resistors would cause signal distortion.
* **Thermal Performance:** Designed to minimize the "Seebeck effect" (thermal EMF), which is critical when measuring very low resistances like 0.1Ω.
* **Low Noise:** Metal film offers significantly lower thermal noise compared to carbon composition resistors.
---
### 4. Common Applications
Due to its low resistance (0.1Ω) and high precision (0.02%), this part is primarily used in:
1. **Current Sensing:** Measuring current flow by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Instrumentation:** Used in high-end multimeters, medical equipment, and laboratory scales.
3. **Bridge Circuits:** Balancing sensitive Wheatstone bridge configurations.
4. **Feedback Loops:** In precision power supplies to maintain stable output voltages.
---
- ⤷
What are the alternative tolerance codes for the MA207 series?
- ⤷ How does the power derating curve affect this resistor at temperatures above 70°C?
- ⤷ Is this resistor suitable for automotive AEC-Q200 standards?