Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MA207HS-R100-V

  • AI
    The **MA207HS-R100-V** is a high-precision, industrial-grade rotary encoder or sensor component, typically used in motor feedback systems, robotics, and high-accuracy positioning equipment. It is characterized by its miniature size and high resolution. --- ### ## Technical Specifications Overview The following table summarizes the primary electronic and physical characteristics of the MA207HS-R100-V series: | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic/Optical Rotary Encoder | | **Resolution** | 100 Pulses Per Revolution (PPR) | | **Output Type** | Voltage Output (V) / Line Driver | | **Supply Voltage** | Typically 5V DC (varies by sub-model) | | **Shaft Diameter** | Hollow Shaft (HS) design | | **Environmental Rating** | High-temperature stability (H-series) | --- ### ### Key Electronic Components & Sub-Systems #### 1. Sensing Element The "MA" designation often refers to **Magnetic Absolute** or high-grade magnetic sensing. It utilizes a Hall-effect sensor array or a magnetoresistive (MR) bridge to detect the position of a magnetized disk attached to the rotating shaft. * **Advantage:** Unlike optical encoders, it is less sensitive to dust, oil, and vibration. #### 2. Signal Processing IC The internal circuitry includes an ASIC (Application-Specific Integrated Circuit) that performs: * **Interpolation:** Increases the native resolution of the magnetic poles. * **Filtering:** Removes electronic noise to prevent jitter in the output signal. #### 3. Output Configuration (-V) The `-V` suffix typically denotes a **Voltage Output** interface. * It provides a square wave signal where the high state corresponds to the supply voltage. * It is designed to interface directly with Microcontrollers (MCUs), PLCs, or Motion Controllers. --- ### ### Pinout & Connection Guide While specific wire colors can vary by manufacturer (often Nidec or similar industrial brands), the standard electronic interface includes: * **Vcc:** Power supply (typically Red). * **GND:** Common Ground (typically Black). * **Phase A:** Primary pulse train. * **Phase B:** Quadrature pulse (90° offset) used to determine rotation direction. * **Phase Z (Index):** One pulse per full revolution for "Home" positioning. --- ### ### Typical Application Circuit ```cpp // Example: Logic for reading the MA207HS in an Arduino/ESP32 environment const int pinA = 2; // Connect to Encoder Phase A const int pinB = 3; // Connect to Encoder Phase B volatile long pulseCount = 0; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(pinA), countPulse, RISING); } void countPulse() { // Check B to determine direction if (digitalRead(pinB) == LOW) { pulseCount++; } else { pulseCount--; } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating RPM for the MA207HS-R100-V?
    • ⤷ How does the 'H' designation impact its thermal operating range?
    • ⤷ What are the specific wiring color codes for this model's output phases?