AI

The **MA23FBG-R** is a specific electronic component, typically identified as a **tactile switch** (or push-button switch) characterized by its compact, low-profile design. These components are commonly used in consumer electronics for user interface controls.
---
### 1. Key Technical Specifications
The following table outlines the general parameters for this type of component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch (Push Button) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Off - Mom) |
| **Contact Current Rating** | Typically 50mA |
| **Voltage Rating** | 12V DC |
| **Operating Force** | 1.6N to 2.5N (varies by sub-model) |
| **Actuator Style** | Round/Plunger |
---
### 2. Physical and Material Features
* **Form Factor:** The "R" suffix often denotes "Tape and Reel" packaging, which is essential for automated Pick-and-Place assembly lines.
* **Low Profile:** Designed for devices where internal vertical space is limited.
* **Durability:** These switches are usually rated for 100,000 to 1,000,000 cycles, depending on the specific manufacturer's grade.
* **Contact Material:** Usually gold or silver-plated to ensure low contact resistance and prevent oxidation.
---
### 3. Common Applications
Due to its small footprint, the MA23FBG-R is frequently found in:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Portable Electronics:** Digital cameras, MP3 players, and handheld GPS units.
3. **Medical Devices:** Compact diagnostic tools and monitors.
4. **Computer Peripherals:** Side buttons on mice or reset buttons on networking hardware.
---
### 4. Implementation (Footprint)
When designing a PCB for this part, engineers must account for the SMT pads. Below is a conceptual representation of the circuit logic:
```cpp
// Logic for a Momentary Tactile Switch (Pseudo-code)
if (digitalRead(SWITCH_PIN) == LOW) {
// Switch is pressed (Closed Circuit)
executeAction();
} else {
// Switch is released (Open Circuit)
remainIdle();
}
```
- ⤷
What are the exact mechanical dimensions of the MA23FBG-R?
- ⤷ Are there specific soldering temperature profiles recommended for this SMT part?
- ⤷ What is the IP rating for dust and water resistance for this switch series?