MA26TCA-R
AI

The **MA26TCA-R** is a specific electronic component belonging to the family of high-frequency switching diodes, typically manufactured by Panasonic. It is designed for high-speed switching and low-voltage applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the MA26TCA-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Switching Diode |
| **Configuration** | Single (or Dual depending on series variant) |
| **Reverse Voltage ($V_R$)** | Max 80V |
| **Forward Current ($I_F$)** | Max 100mA |
| **Reverse Recovery Time ($t_{rr}$)** | Very Fast (typically < 3ns) |
| **Package Type** | Mini2-F1-B (SMD) |
| **Mounting Type** | Surface Mount |
---
### 2. Functional Description
The MA26TCA-R is engineered for high-speed signal processing. Its core features include:
* **Low Capacitance:** Minimizes signal distortion, making it ideal for high-frequency circuits.
* **Fast Switching:** The low $t_{rr}$ allows the diode to turn off almost instantly, which is critical for digital logic and high-speed pulse circuits.
* **Compact Form Factor:** The Mini2 package is designed for high-density PCB layouts where space is limited.
---
### 3. Common Applications
These parts are typically found in the following electronic sectors:
1. **High-Speed Switching:** Used in logic gates and signal clamping.
2. **Mobile Communications:** Integration into smartphones and tablets for signal modulation.
3. **Circuit Protection:** Acting as a small-signal clamp to prevent voltage spikes from damaging sensitive IC inputs.
4. **Consumer Electronics:** Found in digital cameras and portable media players.
---
### 4. Part Number Breakdown
While manufacturer-specific, the prefix "MA" generally refers to Panasonic's line of silicon epitaxial planar diodes. The "TCA" suffix often denotes the specific packaging tape and reel configuration, and "R" usually indicates the orientation of the component within the carrier tape.
- ⤷
What is the maximum operating temperature for the MA26TCA-R?
- ⤷ Are there any equivalent alternative parts for this diode?
- ⤷ How does the reverse recovery time impact high-frequency performance?