MA26TCG-R
AI

The **MA26TCG-R** is a specific electronic component primarily associated with **RF (Radio Frequency) and Microwave technology**. It is part of the **MA26 series** of high-frequency fixed attenuators.
### 1. Component Overview
The MA26TCG-R is a **surface-mount (SMD) fixed attenuator**. Its primary function is to reduce the power level of a signal by a specific amount (measured in decibels, dB) without significantly distorting its waveform.
---
### 2. Key Technical Specifications
Below are the typical parameters for this class of component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Attenuator |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Frequency Range** | DC to High GHz (typically up to 26 GHz or higher) |
| **Attenuation Value** | Determined by the specific "TCG" sub-code |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Termination** | Lead-free / RoHS Compliant (indicated by the "R" suffix) |
---
### 3. Detailed Part Breakdown
The alphanumeric code provides specific details about the part's build:
* **MA26:** Identifies the product series, often indicating a high-frequency threshold (up to 26.5 GHz).
* **TCG:** This usually refers to the internal architecture, often utilizing Thin Film technology on an Alumina or Ceramic substrate to ensure precision.
* **-R:** Indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead.
---
### 4. Common Applications
These parts are found in precision circuitry where signal strength management is critical:
1. **Telecommunications:** Used in base stations to balance signal levels between different stages of a transmitter or receiver.
2. **Test & Measurement:** Integrated into oscilloscopes and spectrum analyzers to protect sensitive input ports from high-power signals.
3. **Radar Systems:** Used in aerospace and defense applications for signal conditioning.
4. **Satellite Communications:** Ensuring the LNB (Low Noise Block) or power amplifiers receive the correct input levels.
---
### 5. Why Use This Specific Part?
* **Precision:** Thin-film construction provides very tight tolerances.
* **Stability:** High thermal stability ensures the attenuation value doesn't drift as the device heats up.
* **Compactness:** The SMD footprint allows for high-density PCB layouts compared to bulky coaxial attenuators.
- ⤷What is the specific dB attenuation value for the MA26TCG-R?
- ⤷ What are the footprint dimensions for soldering this component?
- ⤷ Are there alternative parts with higher power handling capabilities?