MA66TBX-R
AI

The **MA66TBX-R** is a specific electronic component typically categorized under **thermal management** or **electromechanical** parts. Specifically, it belongs to the series of AC Axial Fans produced by **Mechatronics**.
Below is a detailed breakdown of its technical specifications and features.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Mechatronics |
| **Type** | AC Axial Fan |
| **Frame Size** | 60mm x 60mm x 30mm |
| **Voltage** | 115 VAC |
| **Current / Power** | ~0.06A / 4.0 Watts |
| **Speed** | ~3,100 RPM |
| **Airflow** | ~11.0 CFM (Cubic Feet per Minute) |
| **Bearing Type** | Ball Bearing |
| **Termination** | Lead Wires (2-wire) |
| **Noise Level** | ~28 dBA |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific details about the fan's construction:
* **MA66**: Represents the frame size and series (60mm x 60mm x 30mm).
* **T**: Indicates **Terminal** or **Terminal Connection** (though "T" often refers to the series housing type).
* **B**: Stands for **Ball Bearing**. Ball bearings are superior for longevity and allow the fan to be mounted in any orientation (horizontal, vertical, or angled).
* **X**: Usually denotes a specific **Speed/Performance** grade (Extra high or custom speed).
* **-R**: Indicates **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead or mercury.
---
### 3. Key Electronic Features
#### Bearing System
The use of **Dual Ball Bearings** in this model provides a significantly longer life expectancy (often 50,000 to 70,000 hours) compared to sleeve bearing fans. It also handles higher heat environments more effectively.
#### Motor Protection
These fans typically include **Impedance Protection**. If the fan blades are obstructed (locked rotor), the internal impedance of the motor windings limits the current flow to prevent the motor from overheating or catching fire.
#### Construction Materials
* **Frame:** Die-cast aluminum (provides structural rigidity and heat dissipation).
* **Impeller:** UL94V-0 reinforced plastic (flame retardant).
---
### 4. Typical Applications
The MA66TBX-R is designed for industrial and commercial equipment where space is limited but reliable cooling is required:
* Power supplies and transformers.
* Small server rack enclosures.
* Medical diagnostic equipment.
* Industrial control panels.
- ⤷
What are the differences between ball bearing and sleeve bearing fans in terms of lifespan?
- ⤷ Does the MA66TBX-R have a 230V equivalent model?
- ⤷ How do I calculate if 11 CFM is sufficient for my electronic enclosure?