AI

The **MA68TAA-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)** or a **Surge Arrester**. These devices are designed to protect sensitive electronic equipment from voltage transients caused by lightning strikes or switching surges.
---
### 1. Technical Specifications
Below are the typical characteristics associated with this specific part series:
| Property | Description |
| :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) |
| **DC Spark-over Voltage** | Usually 68V (indicated by the '68' in the part number) |
| **Tolerance** | Typically ±20% |
| **Impulse Discharge Current** | High energy handling (often 5kA to 20kA depending on wave shape) |
| **Configuration** | Axial Leaded (TAA often refers to Tape and Ammo packaging) |
| **Insulation Resistance** | > 10,000 MΩ |
| **Capacitance** | Very Low (< 1.5 pF), making it suitable for high-speed data lines |
---
### 2. Functional Principle
The GDT functions as a voltage-dependent switch:
1. **Off State:** Under normal operating voltages, the gas inside the tube is non-conductive, acting as an open circuit with extremely low capacitance.
2. **Transition:** When a high-voltage surge exceeds the "Spark-over" voltage, the gas ionizes.
3. **On State (Arc):** The tube becomes highly conductive (an arc discharge), shunting the surge current safely to the ground.
4. **Recovery:** Once the surge passes and the voltage drops below the "Holdover" voltage, the gas de-ionizes and the device returns to its non-conductive state.
---
### 3. Key Features and Applications
#### Key Features
* **High Current Handling:** Capable of diverting massive amounts of energy compared to MOVs (Metal Oxide Varistors).
* **Low Capacitance:** Minimal signal distortion, ideal for telecommunications.
* **Reliability:** Long service life under normal conditions.
#### Common Applications
* **Telecommunications:** Protection for ADSL, VDSL, and phone lines.
* **Power Supplies:** Primary protection at the AC/DC input stage.
* **Industrial Equipment:** Protecting sensors and control loops from atmospheric disturbances.
* **Data Lines:** High-speed communication ports.
---
### 4. Circuit Implementation
In a typical protection circuit, a GDT is often placed in a "Crowbar" configuration across the line and ground.
```c
// Example Protection Schematic Representation
Line In ----[ GDT ]---- Ground
|
Line Out <----+
```
---
- ⤷What is the difference between a GDT and a MOV for surge protection?
- ⤷ How do I determine if the 68V spark-over voltage is correct for my circuit?
- ⤷ Does the 'R' suffix in MA68TAA-R signify RoHS compliance?