MA73TBG-R
AI

## Analysis of the MA73TBG-R (Cooler Master Fan)
The **MA73TBG-R** is the manufacturer part number for a specific high-performance cooling fan produced by **Cooler Master**. It is most commonly recognized as the stock fan component used in the **MasterAir MA610P** and other high-end air coolers.
---
### Technical Specifications
The electronic and mechanical performance of the MA73TBG-R is characterized by its balance between static pressure (for heatsinks) and airflow.
| Feature | Specification |
| :--- | :--- |
| **Bearing Type** | Rifle Bearing |
| **Connector** | 4-Pin PWM (Pulse Width Modulation) |
| **LED Type** | RGB (4-pin, 12V) |
| **Rated Voltage** | 12V DC |
| **Speed Range** | 600 – 1,800 RPM ± 10% |
| **Airflow** | 53.38 CFM (Max) |
| **Static Pressure** | 1.65 mmH2O (Max) |
| **Noise Level** | 35 dBA (Max) |
---
### Electronic Components & Functionality
#### 1. PWM Control (4-Pin Interface)
The unit utilizes a 4-pin electronic interface. Unlike 3-pin fans that rely on DC voltage regulation (changing the voltage to change speed), this fan uses **Pulse Width Modulation**:
* **Pin 1 (GND):** Ground.
* **Pin 2 (+12V):** Constant power supply.
* **Pin 3 (Tachometer):** Sends a signal back to the motherboard to report actual RPM.
* **Pin 4 (PWM):** Receives a high-frequency square wave signal to control the motor speed duty cycle.
#### 2. RGB Lighting Circuitry
The "R" in the suffix typically denotes **RGB**.
* It features a standard **4-pin 12V RGB** header.
* Internally, it contains a series of SMD (Surface Mount Device) LEDs mounted on a circular PCB around the motor hub.
* It is **not** Addressable (ARGB/5V); the entire fan displays one color at a time across all LEDs.
#### 3. The Motor & Rifle Bearing
* **Rifle Bearing:** Electronically, this reduces the startup current required compared to sleeve bearings and provides a longer lifespan (approx. 40,000 hours).
* **IC Driver:** The internal PCB contains a motor driver IC that handles the switching of the electromagnetic coils to rotate the fan blades smoothly without significant electrical humming.
---
### Key Usage Considerations
* **Compatibility:** Ensure your motherboard has a **12V RGB header** (4-pin). Plugging this into a 5V ARGB header (3-pin) will damage the LEDs.
* **Primary Use:** Due to its static pressure rating (1.65 mmH2O), it is electronically optimized for pushing air through dense radiator fins or heatsinks rather than acting as a simple case exhaust fan.
- ⤷
What is the difference between the MA73TBG-R and an Addressable RGB (ARGB) fan?
- ⤷ Can this fan be controlled via software if my motherboard lacks an RGB header?
- ⤷ What is the MTTF (Mean Time To Failure) for the rifle bearing in this model?