Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MA75TBG-R

  • AI
    The **MA75TBG-R** is a specific model identifier typically associated with **DC Axial Fans**, often manufactured by companies like **Mechatronics**. These components are critical for thermal management in electronic enclosures. --- ### 1. Technical Specifications Below are the typical technical parameters for a fan within the MA75 series (specific values may vary slightly based on the voltage sub-type): | Parameter | Specification | | :--- | :--- | | **Component Type** | DC Axial Fan | | **Dimensions** | 75mm x 75mm (approx.) | | **Bearing Type** | Ball Bearing (indicated by 'B') | | **Termination** | Lead Wires (indicated by 'R' or 'G') | | **Frame Material** | PBT Plastic (UL94V-0 rated) | | **Impeller Material** | PBT Plastic | --- ### 2. Part Number Breakdown Understanding the suffix and prefix helps identify the specific features of this electronic part: * **MA**: Series designation (Mechatronics Axial). * **75**: Refers to the frame size (75mm). * **T**: Often indicates the thickness or a specific motor topology. * **B**: **Ball Bearing**. This is a critical electronic part feature, as ball bearings offer a longer lifespan (L10 life) and the ability to be mounted in any orientation compared to sleeve bearings. * **G**: Usually refers to a specific speed grade (e.g., High or Medium speed). * **-R**: Often indicates **RoHS Compliance** or a specific lead wire configuration/connector. --- ### 3. Key Electronic Features * **Brushless DC Motor (BLDC):** The internal circuitry uses a permanent magnet rotor and an electronically commutated stator. This reduces electronic noise and eliminates brush wear. * **Auto-Restart / Polarity Protection:** Most fans in this class include an integrated circuit (IC) that protects the motor if the leads are reversed or if the fan blades are physically obstructed (locked rotor protection). * **Insulation Resistance:** Typically rated at 10M ohm minimum at 500VDC between the frame and the terminal. * **Dielectric Strength:** Capable of withstanding 500VAC for one minute, ensuring the electronic components are isolated from the housing. --- ### 4. Typical Applications This electronic part is commonly found in: 1. **Server Racks:** To exhaust heat from high-density computing components. 2. **Power Supplies:** Providing active cooling for transformers and MOSFETs. 3. **Industrial Controls:** Maintaining ambient temperatures inside PLC cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the specific operating voltage for the MA75TBG-R model?
    • ⤷ How does a ball bearing fan differ in lifespan compared to a sleeve bearing fan?
    • ⤷ Are there PWM or Tachometer output versions available for this series?