AI

The **MA75TBX-R** is a specific model of an **AC Axial Fan**, typically manufactured by companies like **Mechatronics**. These fans are engineered for industrial cooling, cabinet ventilation, and electronic equipment thermal management.
---
### 1. Technical Specifications
The "MA75TBX-R" designation contains encoded information about its physical and electrical characteristics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 115V AC (Standard for MA75 series) |
| **Dimensions** | 80mm x 80mm x 38mm |
| **Bearing Type** | Dual Ball Bearing (Indicated by 'B') |
| **Terminal Type** | Terminal Pins (Indicated by 'T') |
| **Protection** | Impedance Protected |
| **Housing Material** | Aluminum Die-Cast |
| **Impeller Material** | PBT Thermoplastic (UL94V-0) |
---
### 2. Electronic Component Breakdown
The internal circuitry of the MA75TBX-R is designed for durability and constant operation.
#### A. The Motor (Shaded Pole)
Unlike DC fans that use electronic commutation (ESC), most AC fans in this class use a **Shaded Pole Induction Motor**.
- **Simplicity:** No brushes or sensitive drive electronics to fail.
- **Starting Torque:** Uses a copper "shading ring" on the stator poles to create a rotating magnetic field.
#### B. The Bearing System (Ball Bearing)
The "B" in the part number signifies a **Ball Bearing** system.
- **Longevity:** Rated for significantly higher L10 life (often 50,000+ hours) compared to sleeve bearings.
- **Mounting:** Allows the fan to be mounted in any orientation (vertical, horizontal, or angled) without premature wear.
#### C. Protection Circuitry
The fan is **Impedance Protected**.
- In the event that the impeller is "locked" (prevented from spinning), the internal resistance of the motor windings is high enough to prevent the temperature from rising to a level that would cause a fire or melt the insulation.
#### D. Connection Interface (Terminals)
The "T" indicates **Terminal** connections.
- Instead of lead wires, it features two metal pins. This allows for quick-connect power cords or soldering directly to a custom harness, making it easier to replace in the field.
---
### 3. Application Use-Cases
Because of its AC power input and rugged construction, it is commonly found in:
1. **Server Racks:** Exhausting hot air from small enclosures.
2. **Power Supplies:** Cooling high-wattage industrial transformers.
3. **Medical Equipment:** Reliability is critical, and AC fans provide stable airflow without EMI interference often found in cheap DC controllers.
---
- ⤷
What is the difference between the 'TB' and 'LB' versions of this fan?
- ⤷ Can this fan be speed-controlled using a standard dimmer?
- ⤷ What is the CFM rating for the MA75TBX-R model?