AI

The **MA7HTAX-R** is a specific part number belonging to a high-performance series of **Thin-Film Chip Resistors**. These are precision components typically manufactured by companies like **Susumu** (a leader in thin-film technology) or specialized automotive-grade electronics suppliers.
---
### 1. Technical Specification Breakdown
Based on standard naming conventions for the MA series of precision resistors, here is the breakdown of its core characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Thin-film Surface Mount Resistor (SMD) |
| **Precision Class** | High-precision / Ultra-low tolerance |
| **Material** | Metal film deposited on a ceramic substrate |
| **Reliability** | AEC-Q200 compliant (Automotive Grade) |
| **Termination** | Lead-free (RoHS Compliant), usually Sn (Tin) over Ni (Nickel) |
### 2. Key Electronic Properties
The "MA" series is characterized by stability under harsh conditions. Below are the typical performance metrics for this class of part:
* **Tolerance:** Often as low as **±0.05% to ±0.1%**, ensuring the resistance value does not deviate during circuit operation.
* **Temperature Coefficient (TCR):** Very low (typically **5ppm/°C to 25ppm/°C**). This means the resistance remains stable even as the device heats up.
* **Operating Temperature:** Generally rated for **-55°C to +155°C**.
* **Noise Profile:** Extremely low current noise compared to thick-film resistors, making them ideal for audio or high-frequency sensing.
### 3. Common Applications
Due to its high accuracy and reliability (the "R" suffix often denotes high reliability or specific tape-and-reel packaging), this part is used in:
1. **Automotive Electronics:** Engine control units (ECUs), ADAS sensors, and transmission control.
2. **Medical Equipment:** Precision measurement tools and patient monitoring systems.
3. **Industrial Instrumentation:** Test and measurement devices where drift must be minimized.
4. **Telecommunications:** Base station power management and signal processing.
### 4. Mounting and Handling
The part is an **SMD (Surface Mount Device)**. For manufacturing, the following parameters are typically observed:
```json
{
"mounting_type": "Surface Mount",
"soldering_process": "Reflow soldering (Pb-free recommended)",
"moisture_sensitivity": "MSL 1 (Unlimited floor life)",
"packaging": "Tape and Reel (indicated by -R)"
}
```
---
- ⤷
What is the specific resistance value and wattage for the MA7HTAX-R?
- ⤷ How does a thin-film resistor differ from a standard thick-film resistor in performance?
- ⤷ Are there equivalent alternatives from other manufacturers like Vishay or KOA Speer?