Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAH13FAD-R

  • AI
    The **MAH13FAD-R** is a high-performance **Magnetic Angle Sensor (Hall Effect IC)**. It is primarily used for non-contact position sensing, converting a magnetic field's orientation into a digital or analog signal to determine the rotational angle of a shaft or component. --- ## 1. Core Technical Specifications The following table summarizes the key electronic characteristics of the MAH13FAD-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Hall Effect Rotary Position Sensor | | **Output Type** | Analog / PWM / Digital (Configuration dependent) | | **Resolution** | Typically 10-bit to 12-bit | | **Supply Voltage (Vcc)** | 3.3V to 5.0V DC | | **Operating Temperature** | -40°C to +125°C (Automotive/Industrial Grade) | | **Package Type** | SOP-8 or similar small-form-factor Surface Mount | --- ## 2. Working Principle The MAH13FAD-R operates based on the **Hall Effect**. Here is the electronic process: 1. **Magnetic Input:** A diametrically magnetized permanent magnet is placed above the IC. 2. **Detection:** Integrated Hall elements inside the chip detect the horizontal component of the magnetic field. 3. **Signal Processing:** The internal DSP (Digital Signal Processor) calculates the sine and cosine signals from the magnetic field. 4. **CORDIC Algorithm:** The chip uses a CORDIC mathematical block to convert these signals into an absolute angle (0° to 360°). 5. **Output:** The result is outputted via a specific protocol (like a voltage level or a pulse-width modulated signal). --- ## 3. Key Electronic Features * **Non-Contact Sensing:** Since there is no physical contact between the sensor and the magnet, there is zero mechanical wear, leading to extreme longevity. * **High Linearity:** The internal calibration ensures that the output is linear relative to the actual mechanical angle. * **Redundancy & Safety:** Often includes diagnostic features to detect the presence of a magnetic field or internal chip errors. * **Programmable Zero Position:** Engineers can program a "Zero" point electronically without needing to physically align the magnet. --- ## 4. Typical Applications The MAH13FAD-R is commonly found in the following electronic systems: * **Robotics:** Joint position feedback for servo motors. * **Automotive:** Electronic throttle control, pedal position, and steering angle sensors. * **Industrial:** Valve position control and knob-based human-machine interfaces (HMI). * **Drones:** Gimbal stabilization and motor commutation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH13FAD-R?
    • ⤷ How do I calibrate the zero-point of this sensor?
    • ⤷ What are the recommended magnet specifications for optimal accuracy?