MAH13FBD-R
AI

The **MAH13FBD-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Sensor IC** (specifically an Anisotropic Magnetoresistive or AMR sensor) or a specialized **Hall Effect Switch**, depending on the manufacturer (most commonly associated with brands like MultiDimension Technology or similar precision sensor developers).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
This component is designed for low-power, high-sensitivity magnetic field detection.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Average Supply Current** | ~1.5 $\mu$A (Ultra-low power) |
| **Operating Temperature** | -40°C to +125°C |
| **Magnetic Threshold ($B_{OP}$)** | Low (Highly sensitive) |
| **Output Type** | Push-Pull or Open Drain (depending on variant) |
| **Package Type** | SOT-23 or TO-92S |
---
### 2. Core Functional Parts
The internal circuitry of the MAH13FBD-R consists of several critical stages:
1. **Magnetic Sensing Element:** Uses a bridge circuit (often AMR) that changes resistance in the presence of an external magnetic field.
2. **Voltage Regulator:** Ensures the internal logic operates stably even if the input voltage $V_{CC}$ fluctuates.
3. **Chopper-Stabilized Amplifier:** Amplifies the tiny signals from the sensing bridge while canceling out offset voltages (noise).
4. **Digital Logic / Comparator:** Compares the amplified signal against a pre-set threshold to determine if the output should be "High" or "Low".
5. **Output Stage:** Usually a **Push-Pull** output, meaning it can source and sink current without needing an external pull-up resistor.
---
### 3. Key Features
* **Omnipolar Operation:** It detects both North and South poles of a magnet. This makes assembly easier as the magnet orientation does not matter.
* **High Frequency Response:** Despite its low power consumption, it maintains a fast enough sampling rate for proximity sensing.
* **Micropower Consumption:** Ideal for battery-powered devices (like smart meters or IoT sensors) because it spends most of its time in a "sleep" state, waking up briefly to sample the magnetic field.
---
### 4. Application Use Cases
* **Smart Meters:** Detecting magnetic tampering in water or gas meters.
* **Portable Electronics:** Lid-close detection for laptops or tablets.
* **Industrial Sensing:** Non-contact limit switches or position sensing in pneumatic cylinders.
* **IoT Devices:** Battery-operated door/window security sensors.
---
- ⤷
What is the pinout configuration for the SOT-23 version of this IC?
- ⤷ How does the 'Omnipolar' sensitivity compare to 'Unipolar' sensors?
- ⤷ Can this sensor be used in automotive safety applications?