MAH18FBD-R
AI

The **MAH18FBD-R** is a specific electronic component, primarily identified as a **high-precision, low-resistance shunt resistor** or a current-sensing resistor. These components are critical in power management systems for monitoring current flow with high accuracy.
---
### 1. Technical Specifications
The part number typically follows a standardized coding system for current sense resistors. Below are the general specifications associated with this series:
| Parameter | Description / Value |
| :--- | :--- |
| **Component Type** | Metal Alloy Current Sense Resistor |
| **Resistance Value** | 18 mΩ (milli-Ohms) |
| **Tolerance** | ±1% (denoted by 'F') |
| **Power Rating** | Typically 2W to 5W (depending on package size) |
| **Material** | Metal Alloy (for thermal stability) |
| **Package Style** | Surface Mount Device (SMD) |
---
### 2. Key Electronic Features
* **Low Temperature Coefficient (TCR):** Designed to maintain a stable resistance value even as the component heats up during operation.
* **High Power Dissipation:** The metal alloy construction allows it to handle significant current without burning out.
* **Inductance:** Low parasitic inductance, making it suitable for high-frequency switching applications.
* **Current Sensing:** It works on Ohm's Law ($V = I \times R$). By measuring the tiny voltage drop across this 18mΩ resistor, the system controller can calculate the exact current flowing through the circuit.
---
### 3. Typical Applications
These parts are commonly found in the following electronic systems:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs.
2. **DC-DC Converters:** Providing feedback loops for regulated power supplies.
3. **Motor Control:** Detecting over-current conditions to protect industrial or automotive motors.
4. **Laptops/Mobile Devices:** Managing power distribution from the battery to internal rails.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the code generally breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **MAH** | Series Identifier (Metal Alloy High-power) |
| **18** | Resistance value (18 mΩ) |
| **F** | Tolerance (F = ±1%) |
| **BD** | Package size or Temperature Coefficient code |
| **-R** | Tape and Reel packaging (for automated assembly) |
---
- ⤷
What is the maximum current this resistor can handle based on its power rating?
- ⤷ How does the 'Metal Alloy' construction compare to standard thick-film resistors?
- ⤷ What are the recommended footprint dimensions for soldering the MAH18FBD-R?