MAH21TAA-R
AI

## Overview of MAH21TAA-R
The **MAH21TAA-R** is an electronic component manufactured by **Taiyo Yuden**. It is a specialized multi-layer ceramic inductor (bead) designed primarily for high-frequency noise suppression and power line filtering.
---
### Technical Specifications
The following table highlights the core electrical and physical characteristics of the MAH21TAA-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ferrite Bead / Multi-layer Inductor |
| **Impedance** | 120 $\Omega$ (at 100 MHz) |
| **Rated Current** | 2.1 Amperes (max) |
| **DC Resistance (DCR)** | 0.05 $\Omega$ (max) |
| **Operating Temp Range** | -40°C to +125°C |
| **Package Size** | 0805 (Inch) / 2012 (Metric) |
| **Dimensions** | 2.0 x 1.25 x 0.85 mm |
---
### Internal Structure and Materials
The part is constructed using **Multi-layer Technology**, which involves stacking conductive internal electrodes with ferrite material layers.
1. **Ferrite Material:** High-resistivity ferrite is used to absorb electromagnetic interference (EMI) and convert it into heat.
2. **Internal Electrodes:** Typically Ag (Silver) for low resistance, allowing for the high 2.1A current rating.
3. **External Terminations:** Usually Sn (Tin) plated over a Ni (Nickel) barrier to ensure excellent solderability and prevent leaching during reflow.
---
### Key Applications
Because of its high current rating and impedance profile, the MAH21TAA-R is commonly found in the following circuits:
* **Power Supply Lines:** Filtering high-frequency noise in DC-DC converters.
* **Consumer Electronics:** Used in smartphones, tablets, and laptops to prevent EMI from affecting sensitive audio or RF circuits.
* **Automotive Infotainment:** Noise decoupling in display panels and communication modules.
* **USB/Interface Ports:** Protecting signal integrity from external noise spikes.
---
### Schematic Representation
In a circuit diagram, the part is represented as an inductor with a core, often labeled with a "FB" (Ferrite Bead) designator:
```text
(Input) ----[ Ferrite Bead ]---- (Output)
L / FB1
```
- ⤷
What is the difference between this ferrite bead and a standard inductor?
- ⤷ Can this part be used in automotive safety-critical systems?
- ⤷ What are the recommended soldering profiles for the 0805 package?