MAH24TAA-R
AI

The **MAH24TAA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field.
---
### 1. Key Technical Specifications
While specifications can vary slightly by manufacturer (often associated with brands like **Coilmaster** or similar magnetic component specialists), the part number breakdown generally follows this logic:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | Typically defined by the "24" or specific series values (μH) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Construction** | Magnetic shielding to reduce Electromagnetic Interference (EMI) |
| **Operating Temp** | Usually -40°C to +125°C |
---
### 2. Internal Construction
The "R" suffix often denotes **RoHS Compliance** (Lead-free) or **Taped and Reeled** packaging for automated assembly.
1. **Core Material:** Usually a Ferrite core which provides high permeability and low core losses at high frequencies.
2. **Winding:** Copper wire wound around the core, designed for low DC Resistance (DCR) to minimize heat and power loss.
3. **Shielding:** A magnetic sleeve or epoxy coating that prevents the magnetic field from interfering with neighboring components on the PCB.
---
### 3. Common Applications
The MAH24TAA-R is designed for high-efficiency power conversion. Common use cases include:
* **DC-DC Converters:** Buck, Boost, and SEPIC converters.
* **Mobile Devices:** Power management in smartphones and tablets.
* **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs.
* **Automotive:** Infotainment systems and sensor power supplies.
---
### 4. Circuit Behavior
In an electronic circuit, this part performs two primary functions:
* **Filtering:** It smooths out high-frequency noise from power supplies.
* **Energy Storage:** During the switching cycle of a power supply, it stores energy when the switch is closed and releases it when the switch is open to maintain a steady output voltage.
---
- ⤷What are the specific inductance and current ratings for the MAH24TAA-R?
- ⤷ Is there a direct equivalent or cross-reference for this part from manufacturers like TDK or Murata?
- ⤷ What is the physical footprint size (e.g.
- ⤷ 2016 or 2520) of this inductor?