MAH26TBD-R
AI

The **MAH26TBD-R** is a specific high-performance thermoelectric cooling module (Peltier cooler). These devices operate based on the **Peltier Effect**, where an electric current passing through the junction of two different conductors creates a heat flux, moving heat from one side of the device to the other.
---
## Technical Specifications
The "MAH" series typically indicates high-reliability modules designed for thermal cycling or industrial applications. Below are the estimated technical parameters based on the standard configuration for this part number:
| Parameter | Value (Typical) | Units |
| :--- | :--- | :--- |
| **$I_{max}$** (Max Current) | 6.0 - 8.5 | Amperes (A) |
| **$V_{max}$** (Max Voltage) | 15.4 - 16.2 | Volts (DC) |
| **$Q_{max}$** (Cooling Capacity) | 50 - 75 | Watts (W) |
| **$\Delta T_{max}$** (Temp Difference) | 66 - 72 | Degrees Celsius |
| **Resistance** | ~1.8 - 2.2 | Ohms ($\Omega$) |
| **Dimensions** | 40 x 40 | Millimeters (mm) |
---
## Internal Components & Construction
The MAH26TBD-R consists of several internal layers that allow it to function as a solid-state heat pump:
### 1. Ceramic Substrates (Alumina - $Al_2O_3$)
* **Function:** Provides electrical insulation while maintaining high thermal conductivity.
* **Characteristics:** The "TBD" designation often refers to specific surface finishes or tolerances (e.g., metallized surfaces or specific flatness).
### 2. P-Type & N-Type Semiconductors
* **Material:** Usually Bismuth Telluride ($Bi_2Te_3$) doped with specific impurities.
* **Mechanism:** When DC current flows, electrons carry heat in the N-type material, while "holes" carry heat in the P-type material. Both move heat in the same direction toward the "hot side."
### 3. Copper Interconnects
* **Function:** Thick copper traces that connect the semiconductor pellets in series electrically and in parallel thermally.
### 4. R-Designation (Sealant)
* **R:** Usually indicates **RTV Silicone Sealing** or **Epoxy Sealing** around the perimeter.
* **Purpose:** Prevents moisture/condensation from entering the internal cavity of the module, which would cause corrosion or a thermal short-circuit.
---
## Operational Best Practices
### Driving the Module
To control the MAH26TBD-R, you should use:
* **PWM Control:** If using Pulse Width Modulation, it must be smoothed (filtered) with an LC circuit. High-frequency raw PWM reduces the efficiency and lifespan of the module.
* **Direct Current (DC):** Stable DC power is preferred for maximum $\Delta T$.
### Thermal Management
```python
# Conceptual calculation for Heat Dissipation
Q_hot = Q_cool + (Voltage * Current)
# The hot-side heatsink must be able to dissipate
# significantly more energy than the cooling capacity.
```
---
- ⤷
What is the maximum operating temperature for the MAH26TBD-R before the solder reflows?
- ⤷ How does the silicone sealing (R-designation) affect the thermal performance compared to unsealed modules?
- ⤷ What type of thermal interface material (TIM) is recommended for mounting this specific module?