MAH61FBX-R
AI

The **MAH61FBX-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by **Nidec** (or its subsidiaries). These fans are high-performance units designed for industrial equipment, servers, and power supplies where reliable thermal management is critical.
---
### 1. Technical Specifications
Below are the typical electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Nominal Voltage** | 12V DC (Standard range 10.2V - 13.8V) |
| **Current Rating** | ~0.30A - 0.45A (Varies by sub-revision) |
| **Bearing Type** | Dual Ball Bearing (High Durability) |
| **Dimensions** | 60mm x 60mm x 25mm |
| **Connection** | Lead wires (typically 2 to 4 wires depending on logic) |
| **Material** | PBT Plastic (UL94V-0 Rated) |
---
### 2. Key Electronic Components & Internal Logic
The "electronic parts" of this fan refer to the Internal PCB (Printed Circuit Board) located at the hub of the blades:
* **Commutation IC:** Since it is "brushless," it uses an integrated circuit to switch the polarity of the electromagnetic coils. This eliminates the physical friction and sparking associated with carbon brushes.
* **Hall Effect Sensor:** A small magnetic sensor on the PCB detects the position of the rotor's permanent magnets. This tells the IC exactly when to switch the current to maintain rotation.
* **Protection Circuitry:**
* **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the motor coils from burning out.
* **Reverse Polarity Protection:** A diode-based circuit that prevents damage if the positive and negative wires are accidentally swapped.
* **Stator Coils:** High-quality copper windings that create the magnetic field required for torque.
---
### 3. Wiring Configuration (Signal Logic)
The "R" suffix in the model name often denotes a specific signal output or physical revision. Depending on the exact wiring, the electronics support:
1. **Red (+):** 12V DC Power.
2. **Black (-):** Ground.
3. **Yellow/White (Tachometer):** Sends a pulse signal to the motherboard/controller to monitor RPM (Frequency Generator).
4. **Blue (PWM):** Allows the system to control the fan speed by pulsing the voltage (Pulse Width Modulation).
---
### 4. Applications
Because of the **Dual Ball Bearing** system and the BLDC design, the MAH61FBX-R is engineered for:
* **Network Switches/Routers:** 24/7 operation.
* **Industrial Power Supplies:** High static pressure to push air through dense components.
* **Medical Equipment:** Reliable cooling for sensitive electronics.
---
- ⤷
What is the difference between ball bearings and sleeve bearings in this fan model?
- ⤷ How do I interpret the tachometer signal for speed monitoring?
- ⤷ Can this fan be controlled using an Arduino or micro-controller?