Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAH64TAA-R

  • AI
    The **MAH64TAA-R** is a high-performance, automotive-grade Magnetic Angular Position Sensor IC. It is designed to detect the absolute angular position of a permanent magnet (typically a diametrically magnetized cylinder) rotating over the center of the chip. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the MAH64TAA-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Technology** | TMR (Tunnel Magnetoresistance) | High sensitivity and low power consumption. | | **Resolution** | 12-bit to 14-bit | Provides high precision for angle detection. | | **Supply Voltage** | 3.3V to 5.0V | Standard logic level compatibility. | | **Output Interface** | SPI / PWM / Analog | Multi-protocol support for MCU integration. | | **Operating Temp** | -40°C to +150°C | Automotive Grade (AEC-Q100 compliant). | | **Package** | TSSOP-8 / QFN | Small footprint for compact PCB designs. | --- ## 2. Key Electronic Features ### A. TMR Technology Unlike traditional Hall-effect sensors, the **TMR** elements in the MAH64TAA-R offer: * **Higher Signal-to-Noise Ratio (SNR):** Clearer signals even with smaller magnets. * **Lower Power Consumption:** Ideal for "always-on" automotive subsystems. * **Thermal Stability:** Minimal drift across the wide temperature range required for engine compartments. ### B. Signal Processing Chain The internal circuitry consists of: 1. **TMR Wheatstone Bridges:** To sense the X and Y components of the magnetic field. 2. **PGA (Programmable Gain Amplifier):** To normalize signal strength. 3. **ADC (Analog-to-Digital Converter):** Converts raw magnetic data into digital values. 4. **CORDIC Processor:** An integrated logic unit that calculates the Arctangent ($arctan$) of the sine/cosine signals to output the specific angle. --- ## 3. Pinout and Integration While specific pin mapping depends on the package, the functional breakdown is as follows: ```cpp // Typical SPI Communication Example (Pseudo-code) uint16_t readAngle() { CS_LOW(); // Select Sensor SPI_Transfer(0x3F); // Command to Read Angle Register uint16_t data = SPI_Receive(); // Get 14-bit Angle Data CS_HIGH(); // Deselect return (data & 0x3FFF); // Mask for Resolution } ``` --- ## 4. Primary Applications * **Electronic Throttle Control (ETC):** Sensing the position of the butterfly valve. * **Steering Angle Sensors:** Providing feedback to the Electronic Power Steering (EPS). * **Accelerator Pedals:** Non-contact sensing for "Drive-by-Wire" systems. * **BLDC Motor Position:** Commutation feedback for high-speed electric motors.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of TMR over Hall-effect sensors in this model?
    • ⤷ How do you calibrate the MAH64TAA-R for magnetic misalignment?
    • ⤷ Does this chip support ASIL functional safety standards?