MAH72FAX-R
AI

The **MAH72FAX-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically categorized as a high-performance fan motor or a compact industrial actuator motor. These motors are commonly used in applications requiring high reliability and precise speed control, such as server cooling, medical equipment, or high-end office automation.
---
### 1. Key Technical Specifications
The following table outlines the general technical characteristics associated with this series:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Voltage Range** | Typically 12V or 24V DC (Model dependent) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Commutation** | Electronic / Sensorless or Hall Effect |
| **Speed Control** | PWM (Pulse Width Modulation) compatible |
| **Rotation** | Clockwise or Counter-clockwise (Fixed) |
---
### 2. Internal Electronic Components
The "Electronic Parts" of the MAH72FAX-R refer to the internal PCB (Printed Circuit Board) that manages the motor's operation. Because it is a brushless motor, it requires an integrated controller to function.
#### A. Integrated Drive Circuit
Unlike brushed motors, this unit contains an onboard **Electronic Commutator**.
* **Power MOSFETs:** These act as electronic switches to energize the stator windings in the correct sequence.
* **Controller IC:** A dedicated micro-chip that monitors the rotor position and regulates the timing of the pulses.
#### B. Feedback and Monitoring
Most "FAX-R" variants include specialized signal wires:
* **Tachometer (FG) Signal:** A frequency generator output that tells the external system exactly how fast the motor is spinning.
* **Locked Rotor Protection:** An internal circuit that cuts power if the motor is physically obstructed, preventing the coils from burning out.
#### C. Thermal Management
* **Thermistor/Thermal Cutoff:** High-end models often include a surface-mount thermistor to monitor internal temperatures and reduce speed if the unit overheats.
---
### 3. Connection Pinout (Typical)
The MAH72FAX-R usually features a 3-wire or 4-wire interface:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | Positive Power Supply |
| **Black** | GND (-) | Ground Reference |
| **Yellow/White** | FG / Tach | Speed feedback signal (1 pulse per rotation) |
| **Blue** | PWM | Speed control input (if 4-wire version) |
---
### 4. Applications
Due to its construction, it is primarily used in:
1. **Server Chassis:** High static pressure for cooling dense electronics.
2. **Industrial Inverters:** Cooling high-power switching components.
3. **Medical Devices:** Precision airflow for respiratory or diagnostic equipment.
- ⤷
What is the specific input voltage for the MAH72FAX-R variant?
- ⤷ How do I interpret the 'FG' signal for speed monitoring?
- ⤷ What are the physical dimensions and mounting hole patterns for this motor?