MAH72FBX-R
AI

The **MAH72FBX-R** is a high-performance, industrial-grade cooling fan manufactured by **Nidec (Servo)**. These fans are commonly used in servers, telecommunications equipment, and high-density electronic enclosures where high static pressure and reliability are critical.
---
### 1. Technical Specifications
The following table summarizes the core electronic and mechanical parameters of the MAH72FBX-R:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nidec Corporation / Nidec Servo |
| **Rated Voltage** | 12V DC |
| **Operating Voltage Range** | 7.0V to 13.8V DC |
| **Current Rating** | ~2.3A to 3.0A (depending on specific revision) |
| **Rated Power** | Approx. 27.6W - 36W |
| **Speed (RPM)** | High Speed (usually 15,000+ RPM) |
| **Bearing Type** | Dual Ball Bearing |
| **Connector** | 4-Pin (PWM + Tachometer) |
---
### 2. Key Electronic Components & Features
The "Electronic Parts" of this fan consist of a sophisticated PCB (Printed Circuit Board) housed within the motor hub.
#### A. Brushless DC (BLDC) Motor Driver
The fan utilizes a **3-Phase Brushless DC motor**. Unlike brushed motors, it uses electronic commutation.
* **Integrated Circuit (IC):** A dedicated motor controller IC manages the switching of the electromagnetic coils.
* **Hall Effect Sensors:** These sensors detect the position of the rotor magnets to ensure precise timing for the commutation logic.
#### B. Control Signals (4-Wire Interface)
The electronic interface follows standard enterprise cooling protocols:
1. **VCC (+12V):** Power supply.
2. **GND:** Common ground.
3. **Tachometer (Frequency Generator):** Outputs a square wave signal proportional to the fan speed, allowing the system to monitor if the fan has stalled.
4. **PWM (Pulse Width Modulation):** Allows the motherboard or controller to adjust the speed from 0% to 100% duty cycle, optimizing noise vs. cooling performance.
#### C. Protection Circuitry
To ensure industrial longevity, the internal PCB includes:
* **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped.
* **Soft Start:** Gradually ramps up the current to prevent power spikes on the system bus during startup.
---
### 3. Application Context
Due to its high amperage and RPM, this part is rarely used in standard consumer PCs. It is designed for:
* **1U/2U Rackmount Servers:** Where air must be forced through tightly packed heatsinks.
* **Networking Switches:** High-heat environments requiring constant airflow.
* **Power Supplies:** Large-scale industrial AC/DC converters.
- ⤷
What is the maximum Airflow (CFM) rating for the MAH72FBX-R?
- ⤷ Can this fan be used with a standard 4-pin PC motherboard header?
- ⤷ What are the physical dimensions of the MAH72FBX-R?