MAH72TAX-R
AI

The **MAH72TAX-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in telecommunications, networking, and consumer electronics to provide a precise clock signal for integrated circuits.
---
### 1. Key Technical Specifications
Based on standard industry nomenclature for this series, here are the technical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (SPXO) |
| **Package Size** | 7.0 x 5.0 mm |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Voltage** | Typically 3.3V (varies by sub-series) |
| **Output Type** | CMOS / HCMOS |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on grade) |
| **Pin Count** | 4-Pin |
---
### 2. Physical Construction and Pins
The device is housed in a hermetically sealed ceramic package with a metal lid to protect the internal quartz crystal from environmental interference.
1. **Pin 1 (Enable/Disable):** Often used for Tri-state function (turning the output on or off to save power).
2. **Pin 2 (Ground):** Connected to the system common ground.
3. **Pin 3 (Output):** Delivers the stabilized frequency (square wave).
4. **Pin 4 (Vcc):** Power supply input.
---
### 3. Part Number Breakdown (MAH72TAX-R)
While specific to certain manufacturers (like Mercury Electronic or similar clones), the suffix often denotes environmental compliance:
* **MAH Series:** Identifies the 7x5mm high-precision oscillator family.
* **72:** Often refers to the specific voltage or internal architecture (e.g., 3.3V).
* **T:** Represents "Tape and Reel" packaging for automated assembly.
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
---
### 4. Applications
This part is commonly found in:
* **Network Equipment:** Routers, switches, and modems.
* **Industrial Control:** PLCs and embedded controllers.
* **Computing:** Motherboards and peripheral timing.
* **Video Systems:** Digital cameras and high-definition interfaces.
---
- ⤷What is the exact frequency of the MAH72TAX-R variant you are looking for?
- ⤷ How do I test if an SMD crystal oscillator is functioning correctly?
- ⤷ What are the common alternatives to the MAH72 series for 7x5mm footprints?