MAH73FCG-R
AI

The **MAH73FCG-R** is a specific model of a **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Nidec** or similar cooling solution providers. It is commonly utilized in high-density server environments, telecommunications equipment, and industrial power supplies where high static pressure and reliability are critical.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic and physical characteristics of the MAH73FCG-R:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 12V DC |
| **Operating Voltage Range** | 7V to 13.8V DC |
| **Current Consumption** | High Amperage (typically 1.5A to 3.0A range) |
| **Speed (RPM)** | Ultra-high speed (often 10,000+ RPM) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Termination** | 4-Wire (PWM Control + Tachometer Output) |
| **Frame Size** | 70mm x 70mm x 38mm (Approx) |
---
### 2. Internal Electronic Components
The "brains" of the MAH73FCG-R consist of several integrated electronic parts that allow it to operate efficiently:
#### A. Brushless Motor Controller (IC)
Unlike brushed motors, this fan uses an integrated circuit (IC) to switch the electromagnetic coils. It uses **Hall Effect Sensors** to detect the position of the rotor's permanent magnets, ensuring the timing of the phase switching is perfect.
#### B. PWM (Pulse Width Modulation) Circuitry
As a 4-wire fan, it contains a dedicated control circuit that accepts a PWM signal (usually 25kHz). This allows the system (motherboard or server controller) to adjust the fan speed from 0% to 100% duty cycle without changing the input voltage.
#### C. Tachometer (FG Signal)
The "FCG" suffix often refers to the **Frequency Generator** or Tachometer output. This part of the circuit sends a square wave signal back to the controller, allowing the system to monitor the actual RPM and detect if the fan has stalled or failed.
#### D. Protection Circuits
* **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped.
---
### 3. Wire Configuration (Pinout)
The MAH73FCG-R usually follows the standard industrial 4-wire color coding:
1. **Black (GND):** Negative power return.
2. **Red (VCC):** +12V Power supply.
3. **Yellow/White (FG):** Tachometer output (Speed signal).
4. **Blue (PWM):** Speed control input.
---
### 4. Application Context
Due to its high power draw and high RPM, this fan is **not** intended for consumer PCs (desktops) as it is extremely loud. Its electronic design is optimized for **24/7 continuous operation** in high-backpressure environments like server racks.
---
- ⤷
What is the exact airflow (CFM) rating for the MAH73FCG-R?
- ⤷ How do I wire this fan to a standard 3-pin motherboard header?
- ⤷ What are the common failure modes for dual ball bearing fans?