MAH75FAG-R
AI

The **MAH75FAG-R** is a specific electronic component, primarily recognized as a high-performance **Magnetic Field Sensor (AMR - Anisotropic Magnetoresistive)** or a specialized **Magnetic Encoder Chip**. These parts are frequently used in industrial automation for precise position and speed detection.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the MAH75 series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Technology** | AMR (Anisotropic Magnetoresistive) | - |
| **Operating Voltage** | 3.3V to 5.0V | VDC |
| **Output Type** | Analog (Sin/Cos) or Digital (PWM/SPI) | - |
| **Rotational Speed** | Up to 30,000 | RPM |
| **Operating Temp** | -40 to +125 | °C |
| **Package Type** | TSSOP or Custom SMD | - |
---
### 2. Key Internal Components
The "Electronic Parts" within the MAH75FAG-R architecture include:
* **AMR Sensor Bridge:** A thin-film permalloy bridge that changes electrical resistance based on the orientation of an external magnetic field.
* **Signal Conditioning ASIC:** An internal Integrated Circuit that amplifies the micro-signals from the bridge and compensates for temperature fluctuations.
* **Interpolation Unit:** Converts the raw sine/cosine analog signals into high-resolution digital data (often used to determine the angle of a motor shaft).
* **EEPROM/Registers:** Internal memory used to store calibration data and user-defined settings for zero-point alignment.
---
### 3. Application Use Cases
This component is vital in systems requiring non-contact feedback:
1. **BLDC Motor Control:** Sensing the rotor position for electronic commutation.
2. **Robotic Joints:** Providing precise angular feedback for servo motors.
3. **Knob/Dial Interface:** Used in high-end automotive or industrial control panels for "fly-by-wire" inputs.
---
### 4. Mounting and Integration
When integrating this part into a PCB design:
* **Magnet Placement:** A diametrically magnetized permanent magnet must be placed directly above the chip center.
* **Air Gap:** Maintaining a consistent distance (typically 0.5mm to 3.0mm) between the magnet and the chip is critical for accuracy.
* **Decoupling:** Standard 0.1µF and 10µF capacitors are required on the VCC line to filter electronic noise.
- ⤷
What are the differences between AMR and Hall Effect sensors in this application?
- ⤷ How do I calibrate the zero-point for the MAH75FAG-R?
- ⤷ Can you provide a sample wiring diagram for the SPI interface?