The question interval is too short. Please try again in a few seconds.
MAH78FAX-R
AI
The **MAH78FAX-R** is a specific surface-mount (SMT) common mode choke (filter) often utilized in automotive and high-speed data communication electronics. It is part of a series designed to suppress electromagnetic interference (EMI) in signal lines.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this component type:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Inductance** | Usually 75µH to 100µH (varies by sub-version) |
| **Rated Current** | ~150mA to 300mA |
| **DC Resistance (DCR)** | Max 1.5 Ω to 2.5 Ω |
| **Voltage Rating** | 50V - 80V DC |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 1812 (4532 Metric) |
---
### 2. Core Functions
The MAH78FAX-R serves two primary electronic purposes:
1. **Noise Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both signal lines—while allowing the actual "Differential" data signal to pass through unaffected.
2. **Signal Integrity:** It is specifically tuned for high-speed protocols where maintaining the shape of the data waveform is critical.
---
### 3. Applications
This part is commonly found in the following environments:
* **CAN-Bus (Controller Area Network):** Used extensively in automotive ECUs (Electronic Control Units) to prevent engine noise from disrupting data.
* **FlexRay / Ethernet:** Used in vehicle-to-everything (V2X) communication modules.
* **Industrial Automation:** Protecting sensor data lines from heavy machinery interference.
---
### 4. Mounting and Manufacturing
The "-R" suffix typically denotes **RoHS compliance** and **Tape & Reel** packaging for automated pick-and-place assembly.
```yaml
Part_Number: MAH78FAX-R
Mounting_Type: Surface Mount (SMD)
Terminal_Finish: Matte Tin (Sn)
Material: Ferrite Core with Copper Winding
```
---
✨ Follow-up Questions
⤷
What is the difference between common mode and differential mode noise in this component?
⤷ Can this part be used in high-power AC circuits or is it DC only?
⤷ Which automotive standards (like AEC-Q200) does this part typically comply with?