Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAL-6001R-R08

  • AI
    The **MAL-6001R-R08** is a specialized electronic component, typically categorized as a **Micro-Speaker** or **Micro-Receiver**, frequently utilized in telecommunications and mobile devices. These components are designed to convert electrical signals into sound waves within a compact footprint. --- ### Technical Specifications and Characteristics The following table highlights the general technical parameters typical for this class of micro-acoustic components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Dynamic Receiver / Micro-Speaker | | **Impedance** | 8 $\Omega$ (indicated by the "08" suffix) | | **Dimensions** | Roughly 6mm (Circular/Square depending on housing) | | **Rated Power** | 10mW - 30mW | | **Frequency Range** | 300Hz - 3.4kHz (Voice Band Optimized) | | **Mounting Type** | Spring Contact / SMT / Lead Wire | --- ### Key Electronic Internal Parts The MAL-6001R-R08 operates on the **Electrodynamic Principle**. Below are its primary internal electronic/mechanical sections: #### 1. Voice Coil The "heart" of the component. It consists of ultra-fine copper wire wound into a coil. When an alternating current (AC) audio signal passes through this coil, it generates a fluctuating magnetic field. #### 2. Permanent Magnet Usually made of **Neodymium (NdFeB)** due to its high magnetic strength relative to its size. It provides a static magnetic field that interacts with the voice coil's field. #### 3. Diaphragm A thin membrane (often made of PEI or PEN plastic). The voice coil is attached to this diaphragm. The interaction between the magnetic fields causes the coil—and thus the diaphragm—to vibrate, creating sound. #### 4. Contact Terminals In the "R08" variant, these are typically **gold-plated contact pads** or **spring pins**. Gold is used to ensure low contact resistance and prevent oxidation over the lifespan of the device. --- ### Applications * **Mobile Handsets:** Used as the earpiece receiver for voice calls. * **IoT Devices:** Small-scale voice feedback for smart home sensors. * **Wearables:** Audio output for smartwatches or fitness trackers. --- ### Schematic Representation (Simplified) ```circuit [Audio Signal (+)] ----( Voice Coil )---- [Audio Signal (-)] | (Magnetic Gap) | [Permanent Magnet] ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 8 Ohm impedance in this specific model?
    • ⤷ How does the 'R' suffix in the part number affect its mounting configuration?
    • ⤷ Can this component be used for high-fidelity music playback or is it limited to voice?