Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MALSECL00AG368CARK

  • AI
    The part number **MALSECL00AG368CARK** corresponds to an electrolytic capacitor produced by **Vishay BCcomponents**. This specific component belongs to the **ECL series**, which features surface-mount (SMD) aluminum electrolytic capacitors designed for low impedance and long life. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Capacitance** | 68 µF | | **Voltage Rating (DC)** | 10 V | | **Tolerance** | ±20% | | **Series** | ECL (Low Impedance / High Reliability) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Case Size (Code)** | AG (Dimensions approx. 4.0 x 5.8 mm) | | **Temperature Range** | -55°C to +105°C | | **Lifetime** | 2000 hours at 105°C | --- ### 2. Key Features * **Low Impedance:** Specifically engineered to provide low ESR (Equivalent Series Resistance), making it efficient for high-frequency filtering. * **V-Chip Construction:** The "CARK" suffix indicates a standard SMD package designed for automated pick-and-place assembly. * **RoHS Compliant:** Meets environmental standards for lead-free electronics. * **Reflow Solderable:** Designed to withstand the thermal profiles of infrared or vapor phase reflow soldering. --- ### 3. Application Use Cases This component is typically found in the following electronic circuits: 1. **DC/DC Converters:** Used for smoothing output ripples in power supplies. 2. **Decoupling:** Filtering noise from power rails in digital circuits. 3. **Consumer Electronics:** Found in portable devices due to its small footprint and low profile. 4. **Telecommunications:** Used in base stations and networking equipment where stability at 105°C is required. --- ### 4. Part Number Breakdown While manufacturer coding varies slightly, the breakdown for this series generally follows: * **MALSECL:** Vishay ECL Series Aluminum Electrolytic. * **00AG:** Case size dimensions. * **368:** Capacitance code (68 followed by zero zeros = 68 µF). * **C:** Voltage code (10V). * **ARK:** Packaging/Taping style (e.g., Tape and Reel).
    ✨ Follow-up Questions
    • ⤷What is the maximum ripple current for this specific capacitor?
    • ⤷ Can you provide a comparison between the ECL and ECLA series?
    • ⤷ What are the footprint dimensions for the 'AG' case size?