Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAT04FS

  • AI
    ## Overview of the MAT04FS The **MAT04FS** is a high-performance **Quad Monolithic NPN Transistor Array** manufactured by Analog Devices. It is designed for precision applications where tight matching of transistor characteristics is critical. ### 1. Key Technical Specifications The MAT04 stands out due to its exceptionally low noise and high gain matching. | Parameter | Typical Value | | :--- | :--- | | **Transistor Type** | 4 x NPN | | **Offset Voltage ($V_{OS}$)** | 150 $\mu$V (max) | | **Input Offset Current ($I_{OS}$)** | 5 nA (max) | | **Current Gain ($h_{FE}$)** | 400 | | **Voltage Noise Density** | 2 nV/√Hz @ 1kHz | | **Package Type** | 14-lead SOIC (FS suffix) | --- ### 2. Core Features * **Excellent Matching:** Since all four transistors are fabricated on the same monolithic chip, they exhibit nearly identical thermal and electrical behavior. * **Low Noise:** It is optimized for low-frequency applications, making it ideal for high-end audio and precision instrumentation. * **Logarithmic Conformity:** The device maintains a highly linear relationship between the base-emitter voltage and the collector current, which is vital for analog computation. * **Internal Protection:** It typically includes protective diodes to prevent damage from reverse bias. --- ### 3. Internal Configuration and Pinout The **MAT04FS** consists of four independent NPN transistors. While they share the same substrate, their terminals are accessible via the 14-pin SOIC package. * **Pins 1, 4, 7, 10:** Collectors (C1 - C4) * **Pins 2, 5, 8, 11:** Bases (B1 - B4) * **Pins 3, 6, 9, 12:** Emitters (E1 - E4) * **Substrate Connection:** Usually connected to the most negative potential in the circuit to ensure isolation between transistors. --- ### 4. Common Applications Due to its precision, the MAT04FS is used in specialized analog circuits: 1. **Low-Noise Pre-amplifiers:** Used as the input stage for moving-coil phono cartridges or professional microphones. 2. **Logarithmic Amplifiers:** Exploits the $V_{BE}$ vs. $\log(I_C)$ relationship for signal compression or mathematical operations. 3. **Current Mirrors:** Creating highly stable and matched current sources for differential pairs. 4. **Multipliers and Dividers:** Serving as the core element in analog computing blocks. --- ### 5. Design Example: Simple Matched Pair ```spice * Basic Differential Pair using 2 of 4 transistors in MAT04 Q1 C1 B1 E1 MAT04_NPN Q2 C2 B2 E2 MAT04_NPN R_load1 VCC C1 10k R_load2 VCC C2 10k I_tail E1_E2_node GND 1mA ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MAT04 and the MAT12 versions?
    • ⤷ How do I properly bias the substrate pin to avoid latch-up?
    • ⤷ Can you provide a circuit diagram for a logarithmic amplifier using the MAT04?