MAX4275AGEUA
AI

## Overview of the MAX4275AGEUA
The **MAX4275AGEUA** is a high-performance, dual-channel operational amplifier manufactured by Maxim Integrated (now part of Analog Devices). It is specifically designed for high-speed, low-power applications where rail-to-rail output swings and high gain-bandwidth products are required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Gain-Bandwidth Product (GBW)** | 9 MHz |
| **Slew Rate** | 2.1 V/µs |
| **Supply Voltage Range** | 2.5V to 5.5V (Single Supply) |
| **Quiescent Current** | 355 µA per amplifier |
| **Output Swing** | Rail-to-Rail |
| **Package Type** | 8-µMAX (uSOP) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Features
* **Internal Gain Configuration:** Unlike standard op-amps, the "A" version often indicates specific internal resistor configurations. For the MAX4275 specifically, it is optimized for high precision.
* **Low Distortion:** It offers very low total harmonic distortion (THD), making it suitable for audio and signal conditioning.
* **Capacitive Load Stability:** It is designed to remain stable even when driving significant capacitive loads, which is a common challenge in high-speed circuits.
* **Low Power Consumption:** Despite its 9MHz bandwidth, it consumes very little current, extending battery life in portable devices.
---
### 3. Pin Configuration (8-pin µMAX)
The pinout follows the industry standard for dual operational amplifiers:
1. **OUTA:** Output of Amplifier A
2. **INA-:** Inverting Input of Amplifier A
3. **INA+:** Non-inverting Input of Amplifier A
4. **VSS / GND:** Negative Supply or Ground
5. **INB+:** Non-inverting Input of Amplifier B
6. **INB-:** Inverting Input of Amplifier B
7. **OUTB:** Output of Amplifier B
8. **VDD:** Positive Supply Voltage
---
### 4. Typical Applications
* **Portable Instrumentation:** Due to the low power draw and small 8-µMAX footprint.
* **Active Filters:** High GBW allows for effective filtering in the ultrasonic range.
* **ADC Buffers:** The rail-to-rail output makes it an excellent choice for driving the inputs of Analog-to-Digital Converters.
* **Sensor Signal Conditioning:** Amplifying low-level signals from pressure or temperature sensors.
---
### 5. Part Number Breakdown: MAX4275AGEUA
| Suffix | Meaning |
| :--- | :--- |
| **MAX4275** | Base part number (Dual Op-Amp family) |
| **A** | Gain/Performance Grade |
| **G** | Operating Temperature range (-40°C to +85°C) |
| **EUA** | 8-pin µMAX (uSOP) Package |
- ⤷What is the difference between the MAX4275 and a standard LM358?
- ⤷ How does rail-to-rail output improve ADC performance?
- ⤷ What are the specific gain options for the MAX4275 series?