Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAX503CNG

  • AI
    The **MAX503CNG** is a high-precision, 10-bit voltage-output Digital-to-Analog Converter (DAC) manufactured by Maxim Integrated (now part of Analog Devices). It is designed to operate from a single +5V supply or dual $\pm$5V supplies. --- ### ## 1. Key Specifications Below are the primary technical parameters for the MAX503CNG: | Parameter | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | Parallel (8+2 bits) | | **Output Type** | Voltage Buffered | | **Supply Voltage (Single)** | +5V | | **Supply Voltage (Dual)** | $\pm$5V | | **Power Consumption** | 25mW (Typical) | | **Package Type** | 24-pin Narrow PDIP | | **Temperature Range** | 0°C to +70°C (Commercial) | --- ### ## 2. Core Functional Components The internal architecture of the MAX503 consists of several critical stages: 1. **R-2R Ladder Network:** This is the core DAC structure that converts digital binary code into a proportional analog voltage. 2. **Output Amplifier:** A built-in precision rail-to-rail amplifier that buffers the output, allowing it to drive loads without requiring an external op-amp. 3. **Input Latches:** It features a double-buffered input logic system. This allows the user to load the data in two steps (8-bit byte + 2-bit byte) and then update the DAC output simultaneously, which is essential for preventing "glitches." 4. **Reference Input:** The device requires an external reference voltage ($V_{REF}$), which determines the full-scale output range. --- ### ## 3. Pinout Configuration (Brief) The 24-pin DIP package includes specific pins for control and data: * **D0 - D9:** Digital Data Inputs. * **$\overline{CS}$ (Chip Select):** Activates the device for data entry. * **$\overline{WR}$ (Write):** Used to strobe data into the input registers. * **$\overline{LDAC}$ (Load DAC):** Updates the DAC output with the stored digital value. * **REFIN:** Input for the reference voltage. * **VOUT:** The analog output voltage. --- ### ## 4. Application Use Cases The MAX503CNG is typically found in legacy industrial and precision instrumentation designs: * **Digital Offset/Gain Adjustment:** Calibrating analog circuits via software. * **Industrial Process Control:** Controlling valves or actuators via 0-5V signals. * **Automatic Test Equipment (ATE):** Providing programmable voltage levels for testing components. * **Programmable Voltage Sources:** Used in laboratory power supplies. --- ### ## 5. Comparison: MAX503 vs. Modern Alternatives | Feature | MAX503 (Legacy) | Modern Equivalent (e.g., MAX5530) | | :--- | :--- | :--- | | **Interface** | Parallel (Many wires) | SPI/I2C (2-3 wires) | | **Package Size** | Large PDIP/SOIC | Tiny SOT/TDFN | | **Power** | Higher (25mW) | Ultra-low (<1mW) |
    ✨ Follow-up Questions
    • ⤷ How do I connect the MAX503 to an 8-bit microcontroller if it is a 10-bit DAC?
    • ⤷ What is the difference between the MAX503CNG and the MAX503ENG variants?
    • ⤷ Does the MAX503 require an external voltage reference to function?