Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MAX7300AGL-T

  • AI
    ## Overview of the MAX7300AGL-T The **MAX7300AGL-T** is a compact, high-performance I/O expander produced by Analog Devices (formerly Maxim Integrated). It is designed to provide additional input/output ports for microcontrollers via a standard 2-wire serial interface (I²C-compatible). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of I/O Ports** | 28 Ports | | **Interface Type** | I²C Serial (up to 400kbps) | | **Operating Voltage** | 2.5V to 5.5V | | **Output Type** | Push-Pull or Open-Drain (Configurable) | | **I/O Current Sink/Source** | 10mA (Sink) / 4.5mA (Source) | | **Package Type** | 40-pin TQFN-EP (6mm x 6mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The MAX7300 is divided into several internal functional blocks that manage data flow and port behavior: * **I²C Interface Block:** Handles communication between the host processor and the MAX7300. It includes logic for device addressing (allowing multiple chips on the same bus). * **Port Configuration Registers:** Each of the 28 ports can be independently configured as a logic input or a logic output. * **Schmitt-Trigger Inputs:** When configured as inputs, the ports feature Schmitt-trigger action to clean up noisy signals and ensure reliable logic transitions. * **Interrupt Logic:** The device can be programmed to trigger an interrupt signal to the MCU when a change of state occurs on any input port, reducing the need for constant polling. --- ### 3. Pinout Categories The 40-pin TQFN package organizes functionality as follows: 1. **V+ and GND:** Power supply pins. 2. **SDA and SCL:** Serial data and clock lines for I²C communication. 3. **AD0 and AD1:** Address select inputs. By wiring these to V+, GND, SDA, or SCL, you can set unique I²C addresses for up to 16 devices on one bus. 4. **P4 through P31:** The 28 general-purpose I/O pins. 5. **Exposed Pad (EP):** Must be connected to GND for thermal dissipation and electrical stability. --- ### 4. Common Applications * **Industrial Control:** Managing switches, sensors, and relays. * **Computing:** Adding diagnostic LEDs and monitoring chassis switches. * **Consumer Electronics:** Interfacing with keypads and status indicators. * **Automotive:** Interior lighting control and dashboard interfaces. --- ### 5. Part Number Suffix Breakdown (`-T`) In the part number **MAX7300AGL-T**: * **MAX7300:** Base part number. * **A:** Temperature grade (Automotive/Extended). * **G:** Package code (TQFN). * **L:** Lead-free/RoHS compliant. * **-T:** Indicates **Tape and Reel** packaging, typically used for automated SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the I2C address using the AD0 and AD1 pins?
    • ⤷ What is the difference between the MAX7300 and the MAX7301?
    • ⤷ Can the MAX7300 be used to drive high-power LEDs directly?