MB-G10-24-R
AI

The **MB-G10-24-R** is a high-performance **Magnetic Field Sensor (Magnescale)**, typically used in industrial automation for precision linear position measurement. It belongs to the Magnescale (formerly Sony Precision Technology) series.
---
## 1. Core Technical Specifications
The "24" in the model name typically refers to the cable length or specific scale resolution compatibility, while the "R" indicates the output type or connector configuration.
| Feature | Specification |
| :--- | :--- |
| **Output Signal** | A/B Phase Quadrature (TTL/RS-422) |
| **Input Voltage** | DC 5V ± 5% |
| **Resolution** | Up to 0.5 μm (depending on the interpolator/readout) |
| **Cable Length** | 2.4 meters (Standard for the -24 suffix) |
| **Protection Class** | IP67 (Oil and Water resistant) |
| **Response Speed** | Up to 60 m/min |
---
## 2. Electronic Component Breakdown
The sensor head contains several critical electronic sub-systems that allow it to function in harsh environments:
### A. The MR (Magneto-Resistive) Element
* **Function:** This is the heart of the sensor. It detects changes in the magnetic flux from the magnetic scale.
* **Benefit:** Unlike optical scales, the MR element is not affected by oil, coolant, or dust, making the electronics highly robust for CNC machining.
### B. Signal Conditioning Circuitry
* **Preamplifier:** The raw magnetic signal is extremely weak. Internal circuitry amplifies these analog sine/cosine waves.
* **Differential Line Driver:** Uses an RS-422 compliant driver (typically an IC like the AM26LS31) to transmit signals over long distances while canceling out electromagnetic interference (EMI).
### C. Cable and Shielding
* **Composition:** High-flex, multi-core shielded cable.
* **Pinout Architecture:** Usually follows the standard Magnescale pinout:
1. **Red:** +5V Power
2. **Black:** 0V (GND)
3. **Blue/Green:** A Phase / A-inv Phase
4. **White/Yellow:** B Phase / B-inv Phase
5. **Shield:** Frame Ground
---
## 3. Comparison with Optical Encoders
Electronic parts in the MB-G10-24-R differ from optical sensors in the following ways:
| Aspect | MB-G10-24-R (Magnetic) | Optical Sensors |
| :--- | :--- | :--- |
| **Light Source** | None (uses magnetic flux) | LED / Laser Diode |
| **Contamination** | High resistance to fluids | High sensitivity to dust/mist |
| **Electronic Durability** | High shock resistance | Glass scale is fragile |
---
## 4. Maintenance & Electronic Troubleshooting
1. **Voltage Check:** Ensure the DC power supply provides a steady 5V. Voltage drops below 4.75V will cause signal errors.
2. **Signal Integrity:** Use an oscilloscope to check for clean A/B phase square waves. If the signals overlap or show noise, check the cable shielding.
3. **Gap Sensitivity:** The electronics require a specific clearance (usually 0.1mm to 0.5mm) from the magnetic scale to maintain the signal-to-noise ratio.
- ⤷
What is the exact pinout diagram for the MB-G10-24-R connector?
- ⤷ Can this sensor be interfaced directly with a standard PLC high-speed counter?
- ⤷ What are the common failure modes for the MR elements in this model?