MB104F
AI

The **MB104F** is a member of the MB10x family of **Single-Phase Glass Passivated Bridge Rectifiers**. These components are essential in power electronics for converting Alternating Current (AC) into Direct Current (DC).
---
## 1. Technical Specifications
The MB104F is specifically designed for surface mount applications (SMD) where space and efficiency are critical.
| Parameter | Specification |
| :--- | :--- |
| **Device Type** | Single-Phase Bridge Rectifier |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 400V |
| **Maximum RMS Voltage** | 280V |
| **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.0 Amp |
| **Peak Forward Surge Current ($I_{FSM}$)** | 30 Amps |
| **Package Type** | MB-F (Surface Mount) |
| **Operating Temperature Range** | -55°C to +150°C |
---
## 2. Key Internal Electronic Features
### A. Glass Passivated Die Construction
The internal diodes use a glass-passivation layer. This protects the semiconductor junction from moisture and contaminants, resulting in:
* Lower leakage current.
* Increased reliability at high temperatures.
* Higher voltage stability.
### B. High Surge Current Capability
The device can handle a peak surge of up to **30A** for short durations (8.3ms sine wave). This is critical during the initial power-on phase when filter capacitors are charging (inrush current).
### C. Low Forward Voltage Drop
Typically, the forward voltage drop ($V_F$) is around **1.0V to 1.1V** per diode. This ensures minimal power loss and heat generation during operation.
---
## 3. Pin Configuration and Circuitry
The MB104F has four pins, arranged internally as a full-wave bridge circuit:
```text
AC In (~) ----+----|>|----+---- (+) DC Out
| Diode |
AC In (~) ----+----|<|----+---- (-) DC Out
```
* **Pins 1 & 2 (~):** Input for AC voltage.
* **Pin 3 (+):** Positive rectified DC output.
* **Pin 4 (-):** Negative rectified DC output (Ground/Return).
---
## 4. Typical Applications
The MB104F is commonly found in low-to-medium power electronics:
1. **AC/DC Adapters:** Charging circuits for smartphones and laptops.
2. **LED Lighting:** Converting mains power to DC for LED drivers.
3. **Power Supplies (SMPS):** Used in the primary stage of Switch Mode Power Supplies.
4. **Home Appliances:** Control boards for small electronics.
---
- ⤷
What is the difference between the MB104F and the MB1010F?
- ⤷ How does the MB-F package compare to the standard MB package in terms of thermal performance?
- ⤷ What is the recommended maximum input AC voltage for the MB104F?