Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MB837-D25-R

  • AI
    The **MB837-D25-R** refers to a high-performance industrial motherboard, typically manufactured by **IBASE Technology**. This board is designed for embedded applications, industrial automation, and edge computing environments. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Core Processing & Architecture The "D25" variant usually indicates the specific chipset or processor integration tailored for specific performance tiers. | Feature | Specification | | :--- | :--- | | **CPU Support** | 8th/9th Gen Intel® Core™ i7/i5/i3 / Pentium® / Celeron® QC/DC processors | | **Socket Type** | LGA1151 | | **Chipset** | Intel® Q370 / H310 (Depending on specific sub-revision) | | **Memory** | 2x DDR4 SO-DIMM slots (Up to 32GB or 64GB depending on CPU) | --- ### 2. Connectivity and I/O Interface Industrial motherboards prioritize legacy support alongside high-speed modern data transfers. * **Network (LAN):** Typically equipped with dual Intel® Gigabit Ethernet (GbE) controllers for redundant networking. * **Display Interfaces:** * 1x HDMI (1.4 or 2.0) * 1x DisplayPort * 1x LVDS or eDP (Internal header for industrial panels) * **USB Ports:** Usually 4x USB 3.1 (Gen 2) on the rear I/O and additional USB 2.0 headers internally. * **Serial Ports:** Multiple COM ports (RS232/422/485) are a standard feature for interfacing with industrial machinery. --- ### 3. Expansion & Storage The board utilizes a Mini-ITX form factor, which limits space but maximizes density through specialized slots. | Slot Type | Purpose | | :--- | :--- | | **M.2 Slot (M-Key)** | NVMe SSD support (PCIe x4) | | **M.2 Slot (E-Key)** | Wireless connectivity (CNVi/Wi-Fi/Bluetooth) | | **SATA III** | Standard 6Gb/s ports for HDD/SSD | | **PCIe Slot** | Usually 1x PCIe (x16) for discrete graphics or AI acceleration cards | --- ### 4. Electrical and Environmental Robustness The "R" in the model name often denotes compliance or a specific hardware revision focused on reliability. * **Power Input:** Standard 12V DC-in or 19V~24V wide-range DC input (common in industrial settings). * **Operating Temperature:** Typically rated for 0°C to 60°C (Standard) or -20°C to 70°C (Wide Temp versions). * **Watchdog Timer:** Integrated 256 levels to reset the system in case of software hangs. --- ### 5. Programming Example: Watchdog Timer For developers interacting with the board's hardware at a low level (often via Super I/O chips), a basic pseudo-code for a Watchdog reset would look like this: ```cpp // Pseudo-code for triggering an Industrial Board Watchdog #include void initialize_watchdog(int timeout_seconds) { // 1. Enter Super I/O Configuration Mode // 2. Select Watchdog Timer Logical Device // 3. Set Timeout units (seconds/minutes) // 4. Set Timeout value std::cout << "Watchdog set to " << timeout_seconds << " seconds." << std::endl; } int main() { initialize_watchdog(60); return 0; } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the MB837-D25-R?
    • ⤷ Does this motherboard support ECC memory for industrial data integrity?
    • ⤷ Which Super I/O chip is used for the COM port management on this board?