Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MBR0520WS

  • AI
    ## MBR0520WS: Surface Mount Schottky Barrier Rectifier The **MBR0520WS** is a high-performance Schottky diode designed in a compact surface-mount package. It is widely used for rectification, freewheeling, and polarity protection in low-voltage, high-frequency applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the MBR0520WS: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 | Volts | | **Maximum RMS Voltage** | $V_{RMS}$ | 14 | Volts | | **Maximum Average Forward Rectified Current** | $I_{O}$ | 0.5 | Amperes | | **Peak Forward Surge Current** (8.3ms half sine) | $I_{FSM}$ | 5.5 | Amperes | | **Maximum Forward Voltage** (@ $I_F = 0.1A$) | $V_F$ | 0.39 | Volts | | **Maximum Forward Voltage** (@ $I_F = 0.5A$) | $V_F$ | 0.45 | Volts | | **Package Type** | - | SOD-323 | - | --- ### 2. Core Features * **Low Forward Voltage Drop:** The "Schottky" construction allows for very low $V_F$, which significantly reduces power loss and increases efficiency. * **Guard Ring Construction:** Includes a guard ring for transient protection, enhancing long-term reliability against voltage spikes. * **High Switching Speed:** Because it is a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed switching. * **Compact Footprint:** The SOD-323 package is extremely small, making it perfect for space-constrained PCB designs. --- ### 3. Common Applications 1. **DC-DC Converters:** Used as a freewheeling diode in buck or boost converters. 2. **Battery Protection:** Provides reverse polarity protection for portable electronics with minimal voltage drop. 3. **Signal Conditioning:** Used in high-speed switching circuits where standard silicon diodes would be too slow. 4. **Low Voltage Rectification:** Ideal for secondary rectification in low-power power supplies. --- ### 4. Implementation Example When using the MBR0520WS in a circuit, ensure the thermal dissipation is considered, as the small SOD-323 package can heat up at its maximum rated current of 0.5A. ```markdown Circuit Tip: Always place the MBR0520WS as close as possible to the switching inductor in DC-DC converters to minimize EMI and parasitic inductance. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the MBR0520WS and a standard 1N4148 diode?
    • ⤷ How does temperature affect the leakage current of this Schottky diode?
    • ⤷ Are there pin-compatible alternatives with higher current ratings?