Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MBR0530L-CB2-R

  • AI
    The **MBR0530L-CB2-R** is a surface-mount Schottky Barrier Diode. These components are primarily used for rectification, freewheeling, and polarity protection in low-voltage, high-frequency applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MBR0530L series: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Forward Current ($I_{F}$)** | 0.5 A | Maximum continuous current allowed. | | **Reverse Voltage ($V_{R}$)** | 30 V | Maximum voltage the diode can block. | | **Forward Voltage ($V_{F}$)** | ~0.375 V - 0.43 V | Voltage drop across the diode (Lower than standard diodes). | | **Package Type** | SOD-123 | Small Outline Diode (surface mount). | | **Operating Temp** | -65°C to +125°C | Range of thermal stability. | --- ### 2. Functional Characteristics As a **Schottky Diode**, this part differs from standard PN-junction diodes in several ways: * **Low Forward Voltage ($V_{F}$):** Because it uses a metal-to-semiconductor junction, it has a very low voltage drop. This increases efficiency by reducing power loss ($P = I \times V$). * **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed switching power supplies. * **Guard Ring Protection:** Most MBR series diodes include a guard ring for stress protection, which helps handle transient surges and improves long-term reliability. --- ### 3. Common Applications Due to its small footprint (SOD-123) and efficiency, the MBR0530L-CB2-R is found in: 1. **DC-DC Converters:** Used as a catch diode in buck or boost regulators. 2. **Battery Management:** Prevents reverse current flow from a battery into a charging circuit. 3. **Reverse Polarity Protection:** Protects sensitive handheld electronics if batteries are inserted incorrectly. 4. **Signal Conditioning:** Used in clamping circuits due to its fast response time. --- ### 4. Part Number Breakdown (Nomenclature) * **MBR:** Prefix for Schottky Barrier Diodes. * **05:** Indicates the current rating (0.5 Amps). * **30:** Indicates the voltage rating (30 Volts). * **L:** Low forward voltage version. * **CB2-R:** Manufacturer-specific suffix indicating packaging (Tape & Reel) and specific lead-frame or chemical compliance (RoHS).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MBR0530L and a standard 1N4148 diode?
    • ⤷ How does the SOD-123 package compare to the SOD-323 package in terms of power dissipation?
    • ⤷ Why is reverse leakage current a concern for Schottky diodes in high-temperature environments?