Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MBR140G-Z41-R

  • AI
    The **MBR140G-Z41-R** is a high-performance **Schottky Barrier Rectifier** diode. It is specifically designed for high-frequency switching and low-power rectification applications where efficiency and a low voltage drop are critical. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MBR140G-Z41-R: | Parameter | Specification | Description | |:---|:---|:---| | **Forward Current ($I_{F}$)** | 1.0 Ampere | The continuous current the diode can handle. | | **Reverse Voltage ($V_{RRM}$)** | 40 Volts | The maximum repetitive peak reverse voltage. | | **Forward Voltage ($V_{F}$)** | ~0.50V - 0.60V | Low voltage drop compared to standard diodes (0.7V). | | **Operating Temp** | -65°C to +150°C | Robust range for industrial environments. | | **Package Type** | SMA / DO-214AC | Surface-mount package for automated assembly. | --- ### 2. Core Functional Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction. This results in much faster switching speeds and lower forward voltage drops. * **Guardring Protection:** Built-in guardring for stress protection, which enhances long-term reliability and prevents thermal runaway. * **High Surge Capacity:** Designed to handle momentary high-current surges often found in capacitive loads. * **Low Power Loss:** Because the $V_{F}$ is low, the diode dissipates less heat, making it ideal for battery-operated devices. --- ### 3. Common Applications Due to its 40V/1A rating, this part is frequently found in: 1. **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. 2. **Polarity Protection:** Prevents damage to circuits if a battery or power supply is connected backward. 3. **High-Frequency Rectification:** Suitable for switch-mode power supplies (SMPS). 4. **Clamping Circuits:** Used to protect sensitive components from voltage spikes. --- ### 4. Part Number Breakdown While manufacturer prefixes may vary, the naming convention generally follows this logic: * **MBR:** Schottky Barrier Rectifier family. * **1:** Represents the 1.0 Amp current rating. * **40:** Represents the 40 Volt reverse voltage rating. * **G:** Often indicates "Green" (Halogen-free/RoHS compliant). * **Z41-R:** Specific internal manufacturer codes for packaging (Tape and Reel) and silicon revision.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MBR140 and a standard 1N4001 diode?
    • ⤷ Can the MBR140G handle voltage spikes higher than 40V in a circuit?
    • ⤷ Which manufacturers currently produce the Z41-R variant of this diode?